Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEE14-3888-A Datasheet(PDF) 1 Page - Allied Components International

Part # AEE14-3888-A
Description  Meets UL Class B 130C UL File number E349541
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEE14-3888-A Datasheet(HTML) 1 Page - Allied Components International

  AEE14-3888-A Datasheet HTML 1Page - Allied Components International AEE14-3888-A Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EE14 Transformer
AEE14-3888-A
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 11/24/2014
All specifications subject to change without notice.
Specifications @25℃
Inductance
F=75KHz,0.1Vrms
Leakage Inductance
F=75KHz, 0.1Vrms,
(short 4,5,6,8 PIN)
DCR
(Max)
Turns
Ratio
600uH ±10%
7.5uH Max
1.5 Ω
36Ts
S - F
3 - 1
4 - 5
320 mΩ
6Ts
o
Electrical Specificat ions @25 C
MECHANICAL
Specifications @25℃
Secondary Specifications @25ºC
Inductance
F=
KHz, Vrms
Leakage Inductance
F= KHz, Vrms,
(short
)
DCR
(Max)
Turns
Ratio
220 mΩ
14Ts
S - F
6 - 8
Specifications @25℃
PRI-CORE
CORE-CORE
500 Vac 5mA, 2 sec
Specifications @25℃
500Vdc 100 mΩ min
SEC-CORE
500Vac 5mA, 2 sec
500Vdc100 mΩ min
PRI-SEC
1000Vac, 5mA, 2 sec
500Vdc, 100 mΩ min
PRI-PRI
Location /
Description
Hi-Pot (50Hz/60Hz)
Insulation Resistance
ALLIED
AEE14-3888-A
Power rating 20 watts
NOTE:1.PIN7 NO,PIN2 CUT OFF
2
3
.
2.CORE TAPE 3Ts.
20ºC
20ºC
Meets UL Class B 130ºC UL File number E349541


Similar Part No. - AEE14-3888-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AEE10A18-L ARTESYN-AEE10A18-L Datasheet
717Kb / 3P
   POWER 50 Watts
AEE10A36-L ARTESYN-AEE10A36-L Datasheet
717Kb / 3P
   POWER 50 Watts
AEE10F18-L ARTESYN-AEE10F18-L Datasheet
717Kb / 3P
   POWER 50 Watts
AEE10F36-L ARTESYN-AEE10F36-L Datasheet
717Kb / 3P
   POWER 50 Watts
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
More results

Similar Description - AEE14-3888-A

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
   EW15 Transformer, Meet UL Class B 130C UL File number E349541
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
AEFD153-4211 ALLIED-AEFD153-4211 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
   UL recognition file number E320098
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
   UL recognition file number E320098
logo
Allied Components Inter...
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
   UL Class B 130 Insulation System File
logo
FERYSTER Inductive Comp...
ETD49-K-H-20P-DS-3780 FERYSTER-ETD49-K-H-20P-DS-3780 Datasheet
550Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD59-K-H-26P-3709 FERYSTER-ETD59-K-H-26P-3709 Datasheet
184Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD29-K-H-14P-3657 FERYSTER-ETD29-K-H-14P-3657 Datasheet
184Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
ETD49-K-H-20P-3701 FERYSTER-ETD49-K-H-20P-3701 Datasheet
269Kb / 1P
   PA 6.6 - Ultramid A3X2G5, nc - Class B (130C) - UL 94-V0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com