Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM6460 Datasheet(PDF) 1 Page - Allied Components International

Part # ACM6460
Description  SMD Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ACM6460 Datasheet(HTML) 1 Page - Allied Components International

  ACM6460 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACM6460
15
All specifications subject to change without notice.
Leakage
Inductance.
Typical (uH)
(mA)Max
Allied
Part
Number
Inductance
DCR
(MaxΩ)
Rated
Current
ACM6460-101E
ACM6460-331E
ACM6460-102E
100
330
1000
.006
.017
.049
7.00
4.00
2.20
0.7
1.8
4.0
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
01/22/2015
Max
35%±/-25%
SMD Common Mode Choke
Physical
Packaging: 350 per Tape and Reel
Marking:
ALLIED
ACM6460-xxxE
Date Code
Features
• Toroidal Design
• Excellent coplanarity of the terminals
Electrical
Impedance range: 100uH to 1000uH
Test Equipment
Tolerance: -35%±25%
Operating Temp: -55ºC ~ +105ºC
(T/R): GKT-3250
(L): HP4284
• Flat top ideal for auto placement
Turns Ratio: 1:1 (1-2 : 4-3)
• Turns Ratio within 1%
ACM6460-151E
150
.010
5.50
1.0
ACM6460-221E
220
.012
5.00
1.4
ACM6460-501E
500
.024
3.30
2.2
ACM6460-751E
750
.035
2.70
3.0
ACM6460-222E
ACM6460-752E
2200
7500
.150
.640
1.10
0.44
7.0
22.0
ACM6460-122E
1200
.068
1.70
5.0
ACM6460-182E
1800
.106
1.40
5.5
ACM6460-332E
3300
.210
0.85
9.5
ACM6460-502E
5000
.320
0.70
14.0
ACM6460-103E
10000
.900
0.33
29.0
(uH)
(L/L): HP4284A
(DCR): GKT-502BC
Current: VR 7220
N1
N2
: START
4
3
1
2
Schematic
Test Frequency: 10Khz, .25v
Dimensions:
Inches
(mm)
DATE CODE
1
4
3
2
4
1
2
3
ACM6460-102E
Allied


Similar Part No. - ACM6460

ManufacturerPart #DatasheetDescription
logo
Sciosense B.V.
ACM SCIOSENSE-ACM Datasheet
448Kb / 2P
   Air classification module for automotive air intake
logo
Abracon Corporation
ACM-0603 ABRACON-ACM-0603 Datasheet
1,005Kb / 3P
   Common Mode Choke Coil
10.14.13
ACM-0603-121 ABRACON-ACM-0603-121 Datasheet
1,005Kb / 3P
   Common Mode Choke Coil
10.14.13
ACM-0603-181 ABRACON-ACM-0603-181 Datasheet
1,005Kb / 3P
   Common Mode Choke Coil
10.14.13
ACM-0603-220 ABRACON-ACM-0603-220 Datasheet
1,005Kb / 3P
   Common Mode Choke Coil
10.14.13
More results

Similar Description - ACM6460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
   SMD Common Mode Choke
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
   SMD Common Mode Choke
CTDLW21SHQF CT-CTDLW21SHQF Datasheet
331Kb / 1P
   SMD Common Mode Choke
logo
RENCO ELECTRONICS, INC.
RL-9250 RENCO-RL-9250 Datasheet
1Mb / 2P
   SMD COMMON MODE CHOKE
logo
List of Unclassifed Man...
CMMI ETC2-CMMI Datasheet
1Mb / 11P
   SMD Common Mode Choke
logo
Abracon Corporation
ACM21 ABRACON-ACM21 Datasheet
151Kb / 1P
   SMD COMMON MODE CHOKE
logo
Bourns Electronic Solut...
PM3700 BOURNS-PM3700 Datasheet
314Kb / 2P
   SMD Common Mode Choke
PM3700-10-RC BOURNS-PM3700-10-RC Datasheet
239Kb / 2P
   SMD Common Mode Choke
logo
Allied Components Inter...
ACMC-4461 ALLIED-ACMC-4461 Datasheet
610Kb / 1P
   SMD Common Mode Choke
logo
Shanghai Leiditech Elec...
LDWI LEIDITECH-LDWI Datasheet
1Mb / 11P
   SMD Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com