Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA2211EF Datasheet(PDF) 2 Page - AUK corp

Part # SRA2211EF
Description  PNP Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SRA2211EF Datasheet(HTML) 2 Page - AUK corp

  SRA2211EF Datasheet HTML 1Page - AUK corp SRA2211EF Datasheet HTML 2Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KSR-4015-000
2
SRA2211EF
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ∼ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-500
nA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-500
nA
DC Current Gain
hFE
VCE=-5V, IC=-1mA
120
-
-
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-10mA, IB=-0.5mA
-
-0.1
-0.3
V
Transition Frequency
fT
*
VCE=-10V, IC=-5mA
-
250
-
MHz
Input Resistance
R1
-
-
10
-
KΩ
* : Characteristic of Transistor Only
Electrical Characteristic Curves
Fig. 2 VCE(SAT) - IC
Fig. 1 hFE - IC


Similar Part No. - SRA2211EF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SRA2211EF KODENSHI-SRA2211EF Datasheet
252Kb / 4P
   PNP Silicon Transistor
SRA2211EF KODENSHI-SRA2211EF Datasheet
252Kb / 4P
   Switching application
More results

Similar Description - SRA2211EF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com