Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP4813NL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTP4813NL
Description  Single N?묬hannel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP4813NL Datasheet(HTML) 5 Page - ON Semiconductor

  NTP4813NL Datasheet HTML 1Page - ON Semiconductor NTP4813NL Datasheet HTML 2Page - ON Semiconductor NTP4813NL Datasheet HTML 3Page - ON Semiconductor NTP4813NL Datasheet HTML 4Page - ON Semiconductor NTP4813NL Datasheet HTML 5Page - ON Semiconductor NTP4813NL Datasheet HTML 6Page - ON Semiconductor NTP4813NL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTP4813NL
www.onsemi.com
5
TYPICAL PERFORMANCE CURVES
Crss
010
15
25
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
400
0
800
5
TJ = 25°C
Coss
Ciss
600
1000
Figure 8. Gate−To−Source and Drain−To−Source
Voltage vs. Total Charge
0
3
0
QG, TOTAL GATE CHARGE (nC)
15
6
6
5
ID = 30 A
VDD = 15 V
VGS = 11.5 V
TJ = 25°C
Q2
QT
7
0
0.5
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
1
10
100
1
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
100
0.6
0.7
1.0
5
10
15
tr
td(off)
td(on)
tf
10
VDD = 15 V
ID = 30 A
VGS = 11.5 V
0.8
0.9
20
30
25
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
20
9
1
100
TJ, JUNCTION TEMPERATURE (°C)
ID = 18 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
200
300
700
500
900
100
12
3
24
1
Q1
8
9 10 11 12 13 14 15 16
1.5
13.5
4.5
7.5
10.5
50
45
40
35
30
25
20
15
10
5
0
50
150
125
100
75
25


Similar Part No. - NTP4813NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP4804N ONSEMI-NTP4804N Datasheet
131Kb / 6P
   Power MOSFET
March, 2009 ??Rev. 0
NTP4804NG ONSEMI-NTP4804NG Datasheet
131Kb / 6P
   Power MOSFET
March, 2009 ??Rev. 0
More results

Similar Description - NTP4813NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com