Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6663-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH6663-TL-H
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6663-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  MCH6663-TL-H Datasheet HTML 1Page - ON Semiconductor MCH6663-TL-H Datasheet HTML 2Page - ON Semiconductor MCH6663-TL-H Datasheet HTML 3Page - ON Semiconductor MCH6663-TL-H Datasheet HTML 4Page - ON Semiconductor MCH6663-TL-H Datasheet HTML 5Page - ON Semiconductor MCH6663-TL-H Datasheet HTML 6Page - ON Semiconductor MCH6663-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCH6663
www.onsemi.com
2
Electrical Characteristics
at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
[N-channel]
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transconductance
gFS
VDS=10V, ID=0.9A
1.1
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=0.9A, VGS=10V
145
188
m
Ω
RDS(on)2
ID=0.5A, VGS=4.5V
245
343
m
Ω
RDS(on)3
ID=0.5A, VGS=4V
270
378
m
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
88
pF
Output Capacitance
Coss
19
pF
Reverse Transfer Capacitance
Crss
11
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
3.4
ns
Rise Time
tr
3.6
ns
Turn-OFF Delay Time
td(off)
10.5
ns
Fall Time
tf
4.0
ns
Total Gate Charge
Qg
VDS=15V, VGS=10V, ID=1.8A
2.0
nC
Gate to Source Charge
Qgs
0.33
nC
Gate to Drain “Miller” Charge
Qgd
0.29
nC
Forward Diode Voltage
VSD
IS=1.8A, VGS=0V
0.86
1.2
V
[P-channel]
Drain to Source Breakdown Voltage
V(BR)DSS
ID=−1mA, VGS=0V
−30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=−30V, VGS=0V
−1
μA
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Gate Threshold Voltage
VGS(th)
VDS=−10V, ID=−1mA
−1.2
−2.6
V
Forward Transconductance
gFS
VDS=−10V, ID=−0.8A
1.3
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=−0.8A, VGS=−10V
250
325
m
Ω
RDS(on)2
ID=−0.4A, VGS=−4.5V
397
555
m
Ω
RDS(on)3
ID=−0.4A, VGS=−4V
458
641
m
Ω
Input Capacitance
Ciss
VDS=−10V, f=1MHz
82
pF
Output Capacitance
Coss
22
pF
Reverse Transfer Capacitance
Crss
16
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
4.0
ns
Rise Time
tr
3.3
ns
Turn-OFF Delay Time
td(off)
12
ns
Fall Time
tf
5.4
ns
Total Gate Charge
Qg
VDS=−15V, VGS=−10V, ID=−1.5A
2.2
nC
Gate to Source Charge
Qgs
0.36
nC
Gate to Drain “Miller” Charge
Qgd
0.49
nC
Forward Diode Voltage
VSD
IS=−1.5A, VGS=0V
−0.9
−1.5
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - MCH6663-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6663-TL-H SANYO-MCH6663-TL-H Datasheet
602Kb / 9P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH6663-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com