Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6663 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCH6663
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6663 Datasheet(HTML) 1 Page - ON Semiconductor

  MCH6663 Datasheet HTML 1Page - ON Semiconductor MCH6663 Datasheet HTML 2Page - ON Semiconductor MCH6663 Datasheet HTML 3Page - ON Semiconductor MCH6663 Datasheet HTML 4Page - ON Semiconductor MCH6663 Datasheet HTML 5Page - ON Semiconductor MCH6663 Datasheet HTML 6Page - ON Semiconductor MCH6663 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Publication Order Number :
MCH6663/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 3
ORDERING INFORMATION
See detailed ordering and shipping information on page 7 of this data sheet.
MCH6663
Features
• ON-Resistance Nch : RDS(on)1=145m(typ)
Pch : RDS(on)1=250m(typ)
• 4V Drive
• Complementary N-Channel and P-Channel MOSFET
• Pb-Free, Halogen Free and RoHS Compliance
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
N-channel
P-channel
Unit
Drain to Source Voltage
VDSS
30
−30
V
Gate to Source Voltage
VGSS
±20
±20
V
Drain Current (DC)
ID
1.8
−1.5
A
Drain Current (Pulse)
PW
≤10μs, duty cycle≤1%
IDP
7.2
−6
A
Power Dissipation
When mounted on ceramic substrate
(900mm
2×0.8mm) 1unit
PD
0.8
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
This product is designed to “ESD immunity < 200V*”, so please take care when handling.
* Machine Model
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Ambient
RθJA
156.25
°C/W
When mounted on ceramic substrate
(900mm
2×0.8mm) 1unit
Power MOSFET
30V, 188m
Ω, 1.8A, −30V, 325mΩ, −1.5A,
Complementary Dual
VDSS
RDS(on) Max
ID Max
N-Ch
30V
188 mΩ@ 10V
1.8A
343 mΩ@ 4.5V
378 mΩ@ 4V
P-Ch
−30V
325 mΩ@
−10V
−1.5A
555 mΩ@
−4.5V
641 mΩ@
−4V
Electrical Connection
N-Channel and P-Channel
Packing Type : TL
Marking
65
4
13
2
1:Source1
2:Gate1
3:Drain2
4:Source2
5:Gate2
6:Drain1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
TL


Similar Part No. - MCH6663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6663 SANYO-MCH6663 Datasheet
485Kb / 6P
   General-Purpose Switching Device Applications
MCH6663-TL-H SANYO-MCH6663-TL-H Datasheet
602Kb / 9P
   General-Purpose Switching Device Applications
MCH6663 SANYO-MCH6663_12 Datasheet
602Kb / 9P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH6663

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com