Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74172B Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC74172B
Description  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74172B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74172B Datasheet HTML 5Page - ON Semiconductor MC74172B Datasheet HTML 6Page - ON Semiconductor MC74172B Datasheet HTML 7Page - ON Semiconductor MC74172B Datasheet HTML 8Page - ON Semiconductor MC74172B Datasheet HTML 9Page - ON Semiconductor MC74172B Datasheet HTML 10Page - ON Semiconductor MC74172B Datasheet HTML 11Page - ON Semiconductor MC74172B Datasheet HTML 12Page - ON Semiconductor MC74172B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
9
APPLICATIONS INFORMATION
Description
The MC75172B and MC75174B are differential line
drivers designed to comply with EIA−485 Standard (April
1983) for use in balanced digital multipoint systems
containing multiple drivers. The drivers also comply with
EIA−422−A and CCITT Recommendations V.11 and X.27.
The drivers meet the EIA−485 requirement for protection
from damage in the event that two or more drivers attempt
to transmit data simultaneously on the same cable. Data
rates in excess of 10 MBPS are possible, depending on the
cable length and cable characteristics. A single power
supply, 5.0 V,
±5%, is required at a nominal current of
60 mA, plus load currents.
Outputs
Each output (when active) will be a low or a high voltage,
which depends on the input state and the load current (see
Table 1, 2 and Figures 7 to 10). The graphs apply to each
driver, regardless of how many other drivers within the
package are supplying load current.
Table 1. MC75172B Truth Table
Data Input
Enables
Outputs
EN
EN
Y
Z
H
L
H
L
X
H
H
X
X
L
X
X
L
L
H
H
L
H
L
Z
L
H
L
H
Z
Table 2. MC75174B Truth Table
Data Input
Enable
Outputs
Y
Z
H
L
X
H
H
L
H
L
Z
L
H
Z
H = Logic high, L = Logic low, X = Irrelevant, Z = High impedance
The two outputs of a driver are always complementary.
A “high” output can only source current out, while a “low”
output can only sink current (except for short circuit current
− see Figure 16).
The outputs will be in the high impedance mode when:
the Enable inputs are set according to Table 1 or 2;
a)
VCC is less than 1.5 V;
the junction temperature exceeds the trip point of
the thermal shutdown circuit (see below). When in
this condition, the output’s source and sink
capability are shut off, and only leakage currents
will flow (see Figures 13, 14). Disabled outputs may
be taken to any voltage between −7.0 V and 12 V
without damage.
b)
c)
The drivers are protected from short circuits by two
methods:
Current limiting is provided at each output, in both
the source and sink direction, for shorts to any
voltage within the range of 12V to −7.0V, with
respect to circuit ground (see Figure 16). The short
circuit current will flow until the fault is removed, or
until the thermal shutdown circuit activates (see
below). The current limiting circuit has a negative
temperature coefficient and requires no resetting
upon removal of the fault condition.
a)
A thermal shutdown circuit disables the outputs
when the junction temperature reaches 150
°C,
±20°C. The thermal shutdown circuit has a
hysteresis of
≈ 12°C to prevent oscillations. When
this circuit activates, the output stage of each driver
is put into the high impedance mode, thereby
shutting off the output currents. The remainder of the
internal circuitry remains biased. The outputs will
become active once again as the IC cools down.
b)
Driver Inputs
The driver inputs determine the state of the outputs in
accordance with Tables 1 and 2. The driver inputs have a
nominal threshold of 1.2 V, and their voltage must be kept
within the range of 0 V to VCC for proper operation. If the
voltage is taken more than 0.5 V below ground, excessive
currents will flow, and proper operation of the drivers will
be affected. An open pin is equivalent to a logic high, but
good design practices dictate that inputs should never be
left open. The characteristics of the driver inputs are shown
in Figure 15. This graph is not affected by the state of the
Enable pins.
Enable Logic
Each driver’s outputs are active when the Enable inputs
(Pins 4 and 12) are true according to Tables 1 and 2.
The Enable inputs have a nominal threshold of 1.2 V and
their voltage must be kept within the range of 0 V to VCC
for proper operation. If the voltage is taken more than 0.5 V
below ground, excessive currents will flow, and proper
operation of the drivers will be affected. An open pin is
equivalent to a logic high, but good design practices dictate
that inputs should never be left open. The Enable input
characteristics are shown in Figure 15.
Operating Temperature Range
The minimum ambient operating temperature is listed as
−40
°C to meet EIA−485 specifications, and 0°C to meet
EIA−422−A specifications. The higher VOD required by
EIA−422−A is the reason for the narrower temperature range.


Similar Part No. - MC74172B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7410HX400NE NXP-MC7410HX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410HX450NE NXP-MC7410HX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX400NE NXP-MC7410RX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX450NE NXP-MC7410RX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX500NE NXP-MC7410RX500NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

Similar Description - MC74172B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com