Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF353D Datasheet(PDF) 2 Page - ON Semiconductor

Part # LF353D
Description  Operational Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF353D Datasheet(HTML) 2 Page - ON Semiconductor

  LF353D Datasheet HTML 1Page - ON Semiconductor LF353D Datasheet HTML 2Page - ON Semiconductor LF353D Datasheet HTML 3Page - ON Semiconductor LF353D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF347, B LF351 LF353
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (VCC = +15 VEE = –15 V, TA = 25°C, unless otherwise noted.)
LF347B
LF347, LF351, LF353
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k, VCM = 0)
VIO
mV
TA = +25°C
1.0
5.0
5.0
10
0
°C ≤ TA ≤ +70°C
8.0
13
Avg. Temperature Coefficient of Input Offset Voltage
∆VIO/∆T
µV/°C
RS ≤ 10 k, 0°C ≤ TA ≤ +70°C
10
10
Input Offset Current (VCM = 0, Note 3)
IIO
TA = +25°C
25
100
25
100
pA
0
°C ≤ TA ≤ +70°C
4.0
4.0
nA
Input Bias Current (VCM = 0, Note 3)
IIB
TA = +25°C
50
200
50
200
pA
0
°C ≤ TA ≤ +70°C
8.0
8.0
nA
Input Resistance
ri
1012
1012
Common Mode Input Voltage Range
VICR
±11
+15
±11
+15
V
–12
–12
Large–Signal Voltage Gain (VO = ±10 V, RL = 2.0 k)
AVOL
V/mV
TA = +25°C
50
100
25
100
0
°C ≤ TA ≤ +70°C
25
15
Output Voltage Swing (RL = 10 k)
VO
±12
±14
±12
±14
V
Common Mode Rejection (RS ≤ 10 k)
CMR
80
100
70
100
dB
Supply Voltage Rejection (RS ≤ 10 k)
PSRR
80
100
70
100
dB
Supply Current
ID
mA
LF347
7.2
11
7.2
11
LF351
1.8
3.4
LF353
3.6
6.5
Short Circuit Current
ISC
25
25
mA
Slew Rate (AV = +1)
SR
13
13
V/
µs
Gain–Bandwidth Product
BWp
4.0
4.0
MHz
Equivalent Input Noise Voltage
en
24
24
nV/ Hz
(RS = 100 Ω, f = 1000 Hz)
Equivalent Input Noise Current (f = 1000 Hz)
in
0.01
0.01
pA/ Hz
Channel Separation (LF347, LF353)
–120
–120
dB
1.0 Hz
≤ f ≤ 20 kHz (Input Referred)
For Typical Characteristic Performance Curves, refer to MC34001, 34002, 34004 data sheet.
NOTE:
3. Input bias currents of JFET input op amps approximately double for every 10
°C rise in junction temperature. To maintain junction temperatures as
close to ambient as is possible, pulse techniques are utilized during test.


Similar Part No. - LF353D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LF353D MOTOROLA-LF353D Datasheet
101Kb / 4P
   FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF353D TI-LF353D Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF353DE4 TI-LF353DE4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF353DG4 TI-LF353DG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF353DR TI-LF353DR Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - LF353D

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com