Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4924VH Datasheet(PDF) 6 Page - ON Semiconductor

Part # LV4924VH
Description  Class-D Audio power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV4924VH Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LV4924VH Datasheet HTML 2Page - ON Semiconductor LV4924VH Datasheet HTML 3Page - ON Semiconductor LV4924VH Datasheet HTML 4Page - ON Semiconductor LV4924VH Datasheet HTML 5Page - ON Semiconductor LV4924VH Datasheet HTML 6Page - ON Semiconductor LV4924VH Datasheet HTML 7Page - ON Semiconductor LV4924VH Datasheet HTML 8Page - ON Semiconductor LV4924VH Datasheet HTML 9Page - ON Semiconductor LV4924VH Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LV4924VH
No.A1997-6/15
Continued from preceding page.
Pin No.
Pin name
I/O
Description
Equivalent Circuit
3
SOS
I
Internal protection circuit detection output (OR output of the
thermal detection, over-current, voltage drop protection,
offset detection circuit) of an NPN open collector output type
3
PVD
GND
4
5
6
7
NC1
NC2
NC3
NC4
-
-
-
-
Non connection
Non connection
Non connection
Non connection
8
9
10
11
PWM_A1
PWM_B1
PWM_B2
PWM_A2
I
I
I
I
PWM input (plus input) of OUT_CH1_P
PWM input (negative input) of OUT_CH1_N
PWM input (negative input) of OUT_CH2_N
PWM input (plus input) of OUT_CH2_P
PVD
GND
VDDA
FIN
GND
-
ground
12
13
14
15
16
17
18
NC5
NC6
NC7
NC8
NC9
NC10
NC11
-
-
-
-
-
-
-
Non connection
Non connection
Non connection
Non connection
Non connection
Non connection
Non connection
19, 20
PVD2
-
Power pin
21, 22
26, 27
28, 29
33, 34
OUT_CH2_P
OUT_CH2_N
OUT_CH1_N
OUT_CH1_P
O
O
O
O
Output pin, Channel 2 plus
Output pin, Channel 2 minus
Output pin, Channel 1 minus
Output pin, Channel 1 plus
PVD
GND
23
BOOT_CH2_P
I/O
Bootstrap I / O pin, channel 2 plus
24
VDDA2
O
Internal power supply decoupling capacitor connection
25
BOOT_CH2_N
I/O
Bootstrap I / O pin, channel 2 minus
30
BOOT_CH1_N
I/O
Bootstrap I / O pin, channel 1 minus
31
VDDA1
O
Internal power supply decoupling capacitor connection
32
BOOT_CH1_P
I/O
Bootstrap I / O pin, channel 1 plus
35, 36
PVD1
-
Power pin


Similar Part No. - LV4924VH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4924VH SANYO-LV4924VH Datasheet
808Kb / 15P
   Class-D Audio power Amplifier Power cell BTL 10W횞2ch
More results

Similar Description - LV4924VH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com