Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72725KVS Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC72725KVS
Description  RDS(RBDS) Demodulation IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72725KVS Datasheet(HTML) 3 Page - ON Semiconductor

  LC72725KVS Datasheet HTML 1Page - ON Semiconductor LC72725KVS Datasheet HTML 2Page - ON Semiconductor LC72725KVS Datasheet HTML 3Page - ON Semiconductor LC72725KVS Datasheet HTML 4Page - ON Semiconductor LC72725KVS Datasheet HTML 5Page - ON Semiconductor LC72725KVS Datasheet HTML 6Page - ON Semiconductor LC72725KVS Datasheet HTML 7Page - ON Semiconductor LC72725KVS Datasheet HTML 8Page - ON Semiconductor LC72725KVS Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LC72725KVS
No.A1744-3/9
Electrical Characteristics at Ta = -40 to +85
°C, VSSd = VSSa = 0V, VDDd = VDDa = 3.0V to 5.5V
Parameter
Symbol
Pin Name
Conditions
Ratings
unit
min
typ
max
Internal feedback
resistance
Rf
XIN
1.0
M
Ω
Hysteresis
VHIS
TEST, MODE, RST,
RDCL
0.1VDDd
V
Output low-level voltage
VOL1
RDDA, RDCL
I = 2mA
0.4
V
VOL2
RDS-ID(READY)
I = 8mA
0.4
V
Output high-level voltage
VOH
RDDA, RDCL
I = -2mA
VDDd-0.54
V
Input high-level current
IIH1
TEST, MODE, RST,
RDCL
VI = 6.5V
5.0
μA
IIH2
XIN
VI = VDDd
2.0
11
μA
Input low-level current
IIL1
TEST, MODE, RST,
RDCL
VI = 0V
5.0
μA
IIL2
XIN
VI = 0V
2.0
11
μA
Output off leakage
current
IOFF
RDS-ID(READY)
VO = 6.5V
5.0
μA
Current drain
IDD
VDDd+VDDa
VDDd+VDDa
(VDDd = VDDa = 3.3V)
1.5
2.5
3.5
mA
Bandpass Filter Characteristics at Ta = 25
°C, VSSd = VSSa = 0V, VDDd = VDDa = 3.0V to 5.5V
Parameter
Symbol
Pin Name
Conditions
Ratings
unit
min
typ
max
Input resistance
Rmpxin
MPXIN-VSSa
f = 57kHz
100
k
Ω
Rcin
CIN-VSSa
f = 57kHz
100
k
Ω
Center frequency
fc
FLOUT
56.5
57.0
57.5
kHz
-3dB band width
BW-3dB
FLOUT
2.5
3.0
3.5
kHz
Gain
Gain
MPXIN-FLOUT
f = 57kHz
28
31
34
dB
Stop band attenuation
Att1
FLOUT
Δf = ±7kHz
30
dB
Att2
FLOUT
f<45kHz, f>70kHz
40
dB
Att3
FLOUT
f<20kHz
50
dB
Reference voltage output
Vref
Vref
VDDa = 3V
1.5
V


Similar Part No. - LC72725KVS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
More results

Similar Description - LC72725KVS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KV ONSEMI-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
Rohm
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com