Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS7140-02G-XTP Datasheet(PDF) 2 Page - ON Semiconductor

Part # FS7140-02G-XTP
Description  Programmable Phase-Locked Loop Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS7140-02G-XTP Datasheet(HTML) 2 Page - ON Semiconductor

  FS7140-02G-XTP Datasheet HTML 1Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 2Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 3Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 4Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 5Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 6Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 7Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 8Page - ON Semiconductor FS7140-02G-XTP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FS7140, FS7145
http://onsemi.com
2
Figure 1. Device Block Diagram
Table 1. PIN DESCRIPTIONS*
Pin
Type
Name
Description
1
DI
SCL
Serial interface clock (requires an external pull−up)
2
DIO
SDA
Serial interface data input/output (requires an external pull−up)
3
DID
ADDR0
Address select bit “0”
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator feedback
6
AO
XOUT
Crystal oscillator drive
7
DID
ADDR1
Address select bit “1”
8
P
VDD
Power supply (+3.3 V nominal)
9
AI
IPRG
PECL current drive programming
10
n/c
No connection
11
P
VSS
Ground
12
DIU
REF
Reference frequency input
13
DIU
n/c
SYNC
FS7140 = No connection
FS7145 = Synchronization input
14
P
VDD
Power supply (+3.3 V nominal)
15
DO
CLKP
Clock output
16
DO
CLKN
Inverted clock output
*Key: AI: Analog Input; AO = Analog Output; DI = Digital Input; DIU = Input with Internal Pull−up; DID = Input with Internal Pull−down; DIO = Digital
Input/Output; DI−3 = Three−Level Digital Input; DO = Digital Output; P = Power/Ground; # = Active Low Pin


Similar Part No. - FS7140-02G-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS7140-02G-XTP ONSEMI-FS7140-02G-XTP Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140-02G-XTP ONSEMI-FS7140-02G-XTP Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
More results

Similar Description - FS7140-02G-XTP

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12010 AZM-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Mini-Circuits
AZ12010 MINI-AZ12010 Datasheet
257Kb / 9P
   Multiply by 16, 32 Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com