Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA3224 Datasheet(PDF) 4 Page - ON Semiconductor

Part # GA3224
Description  Preconfigured DSP System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GA3224 Datasheet(HTML) 4 Page - ON Semiconductor

  GA3224 Datasheet HTML 1Page - ON Semiconductor GA3224 Datasheet HTML 2Page - ON Semiconductor GA3224 Datasheet HTML 3Page - ON Semiconductor GA3224 Datasheet HTML 4Page - ON Semiconductor GA3224 Datasheet HTML 5Page - ON Semiconductor GA3224 Datasheet HTML 6Page - ON Semiconductor GA3224 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PARAGON GA3224
http://onsemi.com
4
Table 2. ELECTRICAL CHARACTERISTICS (Conditions: VB = 1.3 V; Temperature = 25°C)
Parameter
Units
Max
Typ
Min
Conditions
Symbol
SDA INPUT
Logic 0 Voltage
(Note 2)
0
0.3
V
Logic 1 Voltage
(Note 2)
1
1.3
V
SDA OUTPUT
Standby Pull Up Current
1.4
2
2.6
mA
Sync Pull Up Current
450
500
550
mA
Logic 0 Current (Pull Down)
225
250
275
mA
Logic 1 Current (Pull Up)
225
250
275
mA
Synchronization Time
(Synchronization Pulse Width)
TSYNC
Baud = 0
237
250
263
ms
Baud = 1
118
125
132
Baud = 2
59
62.5
66
Baud = 3
29.76
31.25
32.81
Baud = 4
14.88
15.63
16.41
Baud = 5
7.44
7.81
8.20
Baud = 6
3.72
3.91
4.10
Baud = 7
1.86
1.95
2.05
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Total System Gain consists of: Wideband System Gain + High and Low Independent Channel Gains + Converter Gain.
Total System Gain is calibrated during Cal/Config process.
2. Sample tested.
Support Software
Paragon GA3224 is fully supported ON Semiconductor’s software tools available from ARKonline
® website
http://ark.onsemi.com/.
TYPICAL APPLICATIONS
Figure 2. Test Circuit
3k9
1k
LP FILTER
OUT
200k
T
VB
GA3224
INTERFACE
VC
A/D
CHANNEL 2
EEPROM
Σ
REGULATOR
A/D
A/D
D/A
HBRIDGE
205n
60n
13n
70n
10
8
6
7
411
12
13
1
2
9
5
All resistors in ohms, all capacitors in farads unless otherwise stated.
3
CHANNEL 1


Similar Part No. - GA3224

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GA3224 GENNUM-GA3224 Datasheet
127Kb / 6P
   PARAGON-TM DIGITAL Two Channel DSP System
More results

Similar Description - GA3224

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com