Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJX8838 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJX8838
Description  50V N-Channel Enhancement Mode MOSFET??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJX8838 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJX8838 Datasheet HTML 1Page - Pan Jit International Inc. PJX8838 Datasheet HTML 2Page - Pan Jit International Inc. PJX8838 Datasheet HTML 3Page - Pan Jit International Inc. PJX8838 Datasheet HTML 4Page - Pan Jit International Inc. PJX8838 Datasheet HTML 5Page - Pan Jit International Inc. PJX8838 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PPJX8838
November 5,2015-REV.01
Page 3
TYPICAL CHARACTERISTIC CURVES
Fig.1 On-Region Characteristics
Fig.2 Transfer Characteristics
Fig.3 On-Resistance vs. Drain Current
Fig.4 On-Resistance vs. Junction temperature
Fig.5 On-Resistance Variation with VGS.
Fig.6 Body Diode Characteristics


Similar Part No. - PJX8838

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJX8839 PANJIT-PJX8839 Datasheet
286Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
More results

Similar Description - PJX8838

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BSS138 PANJIT-BSS138_14 Datasheet
151Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJT138K PANJIT-PJT138K Datasheet
292Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7438 PANJIT-PJC7438 Datasheet
344Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7438-AU PANJIT-PJC7438-AU Datasheet
462Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
December 9,2021
BSS138 PANJIT-BSS138 Datasheet
114Kb / 5P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJX138K PANJIT-PJX138K Datasheet
287Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3438 PANJIT-PJA3438 Datasheet
329Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
BSS138W PANJIT-BSS138W_14 Datasheet
216Kb / 7P
   50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
   50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT138K-AU PANJIT-PJT138K-AU Datasheet
389Kb / 6P
   50V N-Channel Enhancement Mode MOSFET – ESD Protected
May 12,2017-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com