Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJX8802 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJX8802
Description  20V N-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJX8802 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJX8802 Datasheet HTML 1Page - Pan Jit International Inc. PJX8802 Datasheet HTML 2Page - Pan Jit International Inc. PJX8802 Datasheet HTML 3Page - Pan Jit International Inc. PJX8802 Datasheet HTML 4Page - Pan Jit International Inc. PJX8802 Datasheet HTML 5Page - Pan Jit International Inc. PJX8802 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PPJX8802
January 22,2015-REV.01
Page 6
Disclaimer
● Reproducing and modifying information of the document is prohibited without permission from Panjit
International Inc..
● Panjit International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
● Panjit International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
● Panjit International Inc. does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
● Applications shown on the herein document are examples of standard use and operation. Customers are
responsible in comprehending the suitable use in particular applications. Panjit International Inc. makes no
representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
● The products shown herein are not designed and authorized for equipments requiring high level of reliability or
relating to human life and for any applications concerning life-saving or life-sustaining, such as medical
instruments, transportation equipment, aerospace machinery et cetera. Customers using or selling these
products for use in such applications do so at their own risk and agree to fully indemnify Panjit International
Inc. for any damages resulting from such improper use or sale.
● Since Panjit uses lot number as the tracking base, please provide the lot number for tracking when
complaining.


Similar Part No. - PJX8802

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJX8803 PANJIT-PJX8803 Datasheet
337Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8805 PANJIT-PJX8805 Datasheet
326Kb / 6P
   30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8806 PANJIT-PJX8806 Datasheet
328Kb / 6P
   20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJX8806_R1_00001 PANJIT-PJX8806_R1_00001 Datasheet
328Kb / 6P
   20V N-Channel Enhancement Mode MOSFET . ESD Protected
More results

Similar Description - PJX8802

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJT7802 PANJIT-PJT7802 Datasheet
201Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3430-AU PANJIT-PJA3430-AU Datasheet
659Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
June 1,2021 PJA3430-AU-REV.00
PJT7800 PANJIT-PJT7800_15 Datasheet
357Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7404 PANJIT-PJC7404 Datasheet
358Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800 Datasheet
300Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8806 PANJIT-PJX8806 Datasheet
328Kb / 6P
   20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3420E PANJIT-PJA3420E Datasheet
306Kb / 6P
   20V N-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJE8402-AU PANJIT-PJE8402-AU Datasheet
502Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJE8406 PANJIT-PJE8406 Datasheet
301Kb / 6P
   20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJA3416AE PANJIT-PJA3416AE Datasheet
320Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com