Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA2206E Datasheet(PDF) 2 Page - AUK corp

Part # SRA2206E
Description  PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SRA2206E Datasheet(HTML) 2 Page - AUK corp

  SRA2206E Datasheet HTML 1Page - AUK corp SRA2206E Datasheet HTML 2Page - AUK corp SRA2206E Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSR-4045-000
2
SRA2206E
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Out Voltage
V
O
-50
V
Input Voltage
V
I
-20
V
Out Current
I
O
-100
mA
Power Dissipation
P
D
150
mW
Junction Temperature
T
J
150
°C
Storage Temperature
T
STG
-55 ~ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output Cut-off Current
I
O(OFF)
V
O=-50V, VI =0
-
-
-500
nA
DC Current Gain
G
I
V
O=-5V, IO =-10mA
80
200
-
-
Output Voltage
V
O(ON)
I
O=-10mA, II =-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
V
I(ON)
V
O=-0.2V, IO =-5mA
-
-0.9
-1.3
V
Input Voltage (OFF)
V
I(OFF)
V
O=-5V, IO =-0.1mA
-0.5
-0.65
-
V
Transition Frequency
f
T
*
V
O=-10V, IO=-5mA
-
200
-
MHz
Input Current
I
I
V
I=-5V
-
-
-1.8
mA
* : Characteristic of Transistor Only


Similar Part No. - SRA2206E

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SRA2206E KODENSHI-SRA2206E Datasheet
230Kb / 4P
   PNP Silicon Transistor
SRA2206E KODENSHI-SRA2206E Datasheet
230Kb / 4P
   Switching application
logo
AUK corp
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SRA2206EF KODENSHI-SRA2206EF Datasheet
254Kb / 4P
   PNP Silicon Transistor
SRA2206EF KODENSHI-SRA2206EF Datasheet
254Kb / 4P
   Switching application
More results

Similar Description - SRA2206E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com