Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF6NA40 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJF6NA40
Description  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF6NA40 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJF6NA40 Datasheet HTML 1Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 2Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 3Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 4Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 5Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 6Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 7Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PPJU6NA40 / PJD6NA40 / PJP6NA40 / PJF6NA40
March 10,2014-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
400
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
2.67
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=3A
-
0.8
0.95
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=400V,VGS=0V
-
0.01
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
+10
+100
nA
Diode Forward Voltage
VSD
IS=6A,VGS=0V
-
0.92
1.4
V
Dynamic
(Note 4)
Total Gate Charge
Qg
VDS=320V, ID=6A,
VGS=10V
(Note 2,3)
-
11.4
-
nC
Gate-Source Charge
Qgs
-
4.2
-
Gate-Drain Charge
Qgd
-
3.5
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
553
-
pF
Output Capacitance
Coss
-
78
-
Reverse Transfer Capacitance
Crss
-
1.4
-
Turn-On Delay Time
td(on)
VDD=220V, ID=6A,
RG=12Ω
(Note 2,3)
-
11
-
ns
Turn-On Rise Time
tr
-
26
-
Turn-Off Delay Time
td(off)
-
22
-
Turn-Off Fall Time
tf
-
25
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
6
A
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
---
-
-
24
A
Reverse Recovery Time
trr
VGS=0V, IS=6A
dIF/ dt=100A/us
(Note 2)
-
255
330
ns
Reverse Recovery Charge
Qrr
-
1.5
2
uC
NOTES :
1.
L=30mH, IAS=4A, VDD=50V, RG=25ohm, Starting TJ=25
oC
2.
Pulse width<300us, Duty cycle<2%
3.
Essentially independent of operating temperature typical characteristics.
4.
Guaranteed by design, not subject to production testing


Similar Part No. - PJF6NA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF6NA70 PANJIT-PJF6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
PJF6NA90 PANJIT-PJF6NA90 Datasheet
412Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - PJF6NA40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com