Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF6NA40 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJF6NA40
Description  400V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF6NA40 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJF6NA40 Datasheet HTML 1Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 2Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 3Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 4Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 5Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 6Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 7Page - Pan Jit International Inc. PJF6NA40 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PPJU6NA40 / PJD6NA40 / PJP6NA40 / PJF6NA40
March 10,2014-REV.00
Page 6
Packaging Information
.
ITO-220AB-F Dimension
Unit: mm
TO-220AB Dimension
Unit: mm
TO-252AA Dimension
Unit: mm
TO-251AA Dimension
Unit: mm


Similar Part No. - PJF6NA40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF6NA70 PANJIT-PJF6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
PJF6NA90 PANJIT-PJF6NA90 Datasheet
412Kb / 8P
   900V N-Channel MOSFET
More results

Similar Description - PJF6NA40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com