Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-1U40 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TC-1U40
Description  DC output 400w maximum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1U40 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-1U40 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2010,12,23
03
TC-1U30.35 HARNESS
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=480mm±15mm
P4H2
P4H1
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
P4F1
P4H3
P4H4
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=150mm±15mm
L=480mm±15mm
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
P4F2
P4H5
P4H6
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=150mm±15mm
L=480mm±15mm
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW):P4H1~P4H6
COM
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
Connector HOUSING: AMP 480424-0 or equivalent
P4H1
Housing
COM
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H2
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4F1
COM
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H3
150mm ±15mm
480mm ±15mm
TERMINAL: AMP 170262-2 or equivalent
4Pins(FLOPPY DISK):P4F
Connector HOUSING: AMP 171822-4 or equivalent
18AWG
18AWG
18AWG
18AWG
COM
150mm ±15mm
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H4
18AWG
18AWG
18AWG
18AWG
P4H5
150mm ±15mm
22AWG
22AWG
22AWG
22AWG
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
18AWG
18AWG
18AWG
18AWG
480mm ±15mm
480mm ±15mm
P4H6
COM
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4F2
150mm ±15mm
22AWG
22AWG
22AWG
22AWG
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
18AWG
18AWG
18AWG
18AWG
150mm ±15mm
3
Note: Specification and wiring diagram subject to change without notice.
2014/5/16


Similar Part No. - TC-1U40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
More results

Similar Description - TC-1U40

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PAF400F280 LAMBDA-PAF400F280 Datasheet
106Kb / 1P
   DC-DC Module 400W
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A_13 Datasheet
400Kb / 3P
   400W Single Output Series
logo
Delta Electronics, Inc.
DIM3R3400 DELTA-DIM3R3400 Datasheet
750Kb / 16P
   400W DC/DC Power Modules
Q48SC12033 DELTA-Q48SC12033 Datasheet
1Mb / 28P
   400W DC/DC Power Modules
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A Datasheet
903Kb / 3P
   400W Single Output Series
logo
Mean Well Enterprises C...
EPP-400 MEANWELL-EPP-400 Datasheet
549Kb / 4P
   400W Single Output with PFC Function
ERPF-400 MEANWELL-ERPF-400 Datasheet
120Kb / 4P
   400W Single Output Switching Power Supply
NEL-400 MEANWELL-NEL-400 Datasheet
538Kb / 2P
   400W Single Output Switching Power Supply
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com