Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PROLINE3P-1P_20K Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # PROLINE3P-1P_20K
Description  Suitable for All Electrical Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

PROLINE3P-1P_20K Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  PROLINE3P-1P_20K Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Suitable for All Electrical Device
FEATURES
True double-conversion
DSP technology guarantees high performance
Output Power Factor 0.8
Wide input voltage range (110-300 VAC )
Active power factor correction in all phases
50Hz/60Hz frequency converter mode
EC O mode operation for energy saving (EC O)
Emergency power off function (EPO)
Generator compatible
SNMP+USB+RS-232 multiple communications
3-stage extendable charging design for optimized
battery performance
Adjustable battery numbers
Maintenance bypass available
Optional N+X parallel redundancy
Optional isolation transformer offers full isolation and
complete common mode noise rejection
PHASE (ONLY FOR ONLINE UPS)
Phase:
3-phase in / 1-phase out
INPUT
Capacity :
20000 VA / 16000 W
Voltage:
3 x 400 VAC (3Ph+N)
Voltage Range:
305-478 VAC (3-phase) @
100% load 190-520 VAC (3-
phase) @ 50% load
F requency Range:
46~54 Hz or 56~64Hz
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
± 1%
F requency Range
(Batt. Mode):
46~54Hz or 56~64Hz
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
12 V / 9 AH (ST)
Battery Number:
20 x 2 strings
Ty pical Recharge
Time:
9 hours recover to 90%
capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
815mm(L) x 250mm(W) x
826mm(H)
Net Weight (kgs):
NONE
OPERATING ENVIRONMENT
Humidity :
0-95% RH @ 0-40(non-
condensing)
Noise Lev el:
Less than 65dB @ 1 Meter
MANAGEMENT
Optional USB/RS-232 Port: Supports Windows®
2000/2003/XP/Vista/2008,
Windows® 7/8, Linux,
Unix, and MAC
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
Proline(3P-1P) 20K


Similar Part No. - PROLINE3P-1P_20K

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
PROLINE3P-1P_10K FSP-PROLINE3P-1P_10K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-1P_15K FSP-PROLINE3P-1P_15K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-1P_30K FSP-PROLINE3P-1P_30K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
More results

Similar Description - PROLINE3P-1P_20K

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
PROLINE3P-3P_15K FSP-PROLINE3P-3P_15K Datasheet
85Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-1P_10K FSP-PROLINE3P-1P_10K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-1P_15K FSP-PROLINE3P-1P_15K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-3P_30K FSP-PROLINE3P-3P_30K Datasheet
85Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-1P_30K FSP-PROLINE3P-1P_30K Datasheet
86Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-3P_20K FSP-PROLINE3P-3P_20K Datasheet
85Kb / 1P
   Suitable for All Electrical Device
PROLINE3P-3P_10K FSP-PROLINE3P-3P_10K Datasheet
85Kb / 1P
   Suitable for All Electrical Device
logo
MTRONPTI
PA3038 MTRONPTI-PA3038 Datasheet
243Kb / 2P
   Suitable for all modulations standards
PA3111V1 MTRONPTI-PA3111V1 Datasheet
164Kb / 2P
   Suitable for all modulations standards
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com