Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BELASIGNA250 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BELASIGNA250
Description  High-Performance Programmable Audio Processing System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BELASIGNA250 Datasheet(HTML) 4 Page - ON Semiconductor

  BELASIGNA250 Datasheet HTML 1Page - ON Semiconductor BELASIGNA250 Datasheet HTML 2Page - ON Semiconductor BELASIGNA250 Datasheet HTML 3Page - ON Semiconductor BELASIGNA250 Datasheet HTML 4Page - ON Semiconductor BELASIGNA250 Datasheet HTML 5Page - ON Semiconductor BELASIGNA250 Datasheet HTML 6Page - ON Semiconductor BELASIGNA250 Datasheet HTML 7Page - ON Semiconductor BELASIGNA250 Datasheet HTML 8Page - ON Semiconductor BELASIGNA250 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
BELASIGNA 250
http://onsemi.com
4
Table 2. ELECTRICAL SPECIFICATIONS (continued)
Description
Screened
Units
Max
Typ
Min
Conditions
Symbol
POWER−ON−RESET (POR)
POR hysteresis
PORHYSTERESIS
10
16
22
mV
POR duration
TPOR
5
10
15
ms
INPUT STAGE
Analog input voltage
VIN
0
2
V
Preamplifier gain tolerance
PAG
1 kHz
−1.5
1.5
dB
Preamplifier gain mismatch be-
tween channels
1 kHz
−1
1
dB
Input impedance
RIN
0 dB preamplifer gain
250
k
W
Non−zero preamplifier gains
400
550
700
k
W
Input referred noise
INIRN
Unweighted,
20 Hz to 8 kHz BW
Preamplifier setting:
0 dB
12 dB
15 dB
18 dB
21 dB
24 dB
27 dB
30 dB
40
12
8
6
4.5
4
3.5
3
55
14
11
8
5.5
5
4.5
4
mVrms
Input dynamic range
INDR
1 kHz, 20 Hz to 8 kHz BW
Preamplifier setting:
0 dB
12 dB
15 dB
18 dB
21 dB
24 dB
27 dB
30 dB
85
84
84
83
82
81
80
78
88
87
87
86
85
84
83
81
dB
Input peak THD+N (Note 4)
INTHDN
Any valid preamplifier gain,
1 kHz
−63
−60
dB
Input stage delay (Note 5)
200
ms
DIRECT DIGITAL OUTPUT
Maximum load current
IDO
Normal mode
13
mA
High power mode
25
mA
Output impedance
RDO
Normal mode
9
11
W
High power mode
5
6
W
Output dynamic range
DODR
Unweighted, 100 Hz to
8 kHz BW, mono
90
93
dB
Output THD+N
DOTHDN
Unweighted, 100 Hz to
22 kHz BW, mono
−79
−76
dB
Output voltage
DOVOUT
−Vbat
Vbat
V
ANALOG OUTPUT STAGE
Analog output voltage
VOUT
0
2
V
3. Audio performance will be degraded below 1.05 V.
4. Measured with a = 12 dB input signal.
5. Input stage delay is inversely proportional to sampling frequency.
6. Max voltage should be limited to 2.2 V peak regardless of VDDC. Protection diodes will be enabled above this voltage.


Similar Part No. - BELASIGNA250

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BELASIGNA200 ONSEMI-BELASIGNA200 Datasheet
1Mb / 43P
   DSP
June 2008 ??Rev. 16
More results

Similar Description - BELASIGNA250

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
ON Semiconductor
LC823450 ONSEMI-LC823450 Datasheet
1Mb / 55P
   Low Power & High-Resolution Audio Processing System LSI
December 2015 - Rev. 3
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
logo
Analog Devices
ADSP-21371 AD-ADSP-21371_09 Datasheet
1Mb / 52P
   SHARC Processor optimized for high performance audio processing
REV. C
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com