Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0W344-004-XTP Datasheet(PDF) 10 Page - ON Semiconductor

Part # 0W344-004-XTP
Description  DSP
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W344-004-XTP Datasheet(HTML) 10 Page - ON Semiconductor

Back Button 0W344-004-XTP Datasheet HTML 6Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 7Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 8Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 9Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 10Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 11Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 12Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 13Page - ON Semiconductor 0W344-004-XTP Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
BelaSigna 200
All Dimensions in Millimeters
Ao = 8.3 mm
Bo = 8.3 mm
Ko = 2.0 mm
K1 = 1.0 mm
Figure 5: QFN Tape Dimensions
Notes:
1.
10 sprocket hole pitch cumulative tolerance ± 0.02.
2.
Camber not to exceed 1 mm in 100 mm.
3.
Material: PS+C.2.
4.
Ao and Bo measured on a plane 0.3 mm above the bottom of the pocket.
5.
Ko measured from a plane on the inside bottom of the pocket to the top surface of the carrier.
6.
Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
.
Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
Figure 6: QFN Orientation in Tape
Rev. 16 | Page 10 of 43 | www.onsemi.com


Similar Part No. - 0W344-004-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
0W344-004-XTP ONSEMI-0W344-004-XTP Datasheet
1Mb / 43P
   1.0 Genral Description
June 2008 ??Rev. 16
More results

Similar Description - 0W344-004-XTP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L Datasheet
257Kb / 39P
   DSP
REV. 0
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
logo
Analog Devices
ADSP-2189MBSTZ-266 AD-ADSP-2189MBSTZ-266 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2181BSTZ-133 AD-ADSP-2181BSTZ-133 Datasheet
293Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2181BSZ-133 AD-ADSP-2181BSZ-133 Datasheet
305Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2196MKSTZ-160 AD-ADSP-2196MKSTZ-160 Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21065LCSZ-240 AD-ADSP-21065LCSZ-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKSZ-264 AD-ADSP-21065LKSZ-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
logo
Panasonic Battery Group
DSP PANASONICBATTERY-DSP Datasheet
107Kb / 6P
   DSP RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com