Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5488A-TL-H Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC5488A-TL-H
Description  NPN Single SSFP RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5488A-TL-H Datasheet(HTML) 5 Page - ON Semiconductor

  2SC5488A-TL-H Datasheet HTML 1Page - ON Semiconductor 2SC5488A-TL-H Datasheet HTML 2Page - ON Semiconductor 2SC5488A-TL-H Datasheet HTML 3Page - ON Semiconductor 2SC5488A-TL-H Datasheet HTML 4Page - ON Semiconductor 2SC5488A-TL-H Datasheet HTML 5Page - ON Semiconductor 2SC5488A-TL-H Datasheet HTML 6Page - ON Semiconductor 2SC5488A-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC5488A
No. A1089-5/7
Embossed Taping Specification
2SC5488A-TL-H


Similar Part No. - 2SC5488A-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5488A SANYO-2SC5488A Datasheet
51Kb / 4P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A Datasheet
468Kb / 7P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5488A SANYO-2SC5488A_12 Datasheet
468Kb / 7P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5488A-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
   RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
50C02SS ONSEMI-50C02SS Datasheet
515Kb / 7P
   Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP
August, 2013
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
   Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
   Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
   NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com