Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP750 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # CP750
Description  Boost and Buck AVR for voltage stabilization
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

CP750 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  CP750 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APPLICATION
Home, Office, Small Server
FEATURES
Digitalized PWM-based controller provides pure
sinewave output
Perfect power protection for servers, point-of-sales and
workstations
Excellent microprocessor control guarantees high
reliability
Boost and Buck AVR for voltage stabilization
Off-mode auto charging
Auto-restart while AC is recovering
C old start function
Built-in USB communication port and RJ-45 network
protection
PHASE (ONLY FOR ONLINE UPS)
Phase:
1-phase in / 1-phase out
INPUT
Capacity :
750 VA/ 480 W
Voltage:
110/120 VAC or 220/230/240
VAC
Voltage Range:
81-145 VAC /162-290 VAC
F requency Range:
60/50 Hz (auto sensing)
OUTPUT
AC Voltage Regulation
(Batt. Mode) :
±10%
F requency Range
(Batt. Mode):
60 Hz or 50 Hz ±1 Hz
Transfer Time:
Typical 2 ~ 6 ms,
Wav eform
(Batt. Mode):
Pure Slin Wave
BATTERY
Battery Ty pe:
12 V/9 Ah
Battery Number:
1
Ty pical Recharge
Time:
6 hours recover to 90%
capacity
SAFETY STANDARD APPAOVAL
PROTECTION
F ull Protection:
Overload, Discharge, and
Overcharge Protection
PHYSICAL
Output Receptacles:
India, French, Schuko,
NEMA, and IEC ions
Dimension:
350mm(L) x 146mm(W) x
160mm(H)
Net Weight (kgs):
6.8
OPERATING ENVIRONMENT
Humidity :
0-90 % RH @ 0- 40°C
(non-condensing)
Noise Lev el:
Less than 45dB
MANAGEMENT
Optional USB/RS-232
Port:
Supports Windows®
2000/2003/XP/Vista/2008/7,
Linux, Unix, and MAC
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
UPS
CP 750


Similar Part No. - CP750

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CP752 CDIL-CP752 Datasheet
149Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CP753 CDIL-CP753 Datasheet
149Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
CP753V CENTRAL-CP753V Datasheet
71Kb / 1P
   Small Signal Transistors PNP - High Current Transistor Chip
CP753V-CZT953 CENTRAL-CP753V-CZT953 Datasheet
497Kb / 4P
   PNP - High Current Transistor Die 5.0 Amp, 100 Volt
R1 29-November 2017
CP753V-MJE210 CENTRAL-CP753V-MJE210 Datasheet
495Kb / 4P
   PNP - High Current Transistor Die 5.0 Amp, 25 Volt
R1 29-November 2017
More results

Similar Description - CP750

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
EP450 FSP-EP450 Datasheet
72Kb / 1P
   Boost and buck AVR for voltage stabilization
CP2000 FSP-CP2000 Datasheet
67Kb / 1P
   Boost and Buck AVR for voltage stabilization
EP2000 FSP-EP2000 Datasheet
66Kb / 1P
   Boost and buck AVR for voltage stabilization
EP850 FSP-EP850 Datasheet
72Kb / 1P
   Boost and buck AVR for voltage stabilization
EP1000 FSP-EP1000 Datasheet
66Kb / 1P
   Boost and buck AVR for voltage stabilization
EP1500 FSP-EP1500 Datasheet
66Kb / 1P
   Boost and buck AVR for voltage stabilization
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
EP650 FSP-EP650 Datasheet
72Kb / 1P
   UPS
logo
Maxim Integrated Produc...
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
   Configured for Boost and Buck-Boost Application
Rev 1; 3/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com