Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8706AV Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8706AV
Description  Clock Generator for DVD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8706AV Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8706AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8706AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM8706A
NIPPON PRECISION CIRCUITS—3
Note: Unless otherwise noted, VDD applies to VDD1, VDD2, and VDD3. Similarly, VSS applies to VSS1,
VSS2, and VSS3.
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
VSS = VSS1 = VSS2 = VSS3 = 0V unless otherwise noted.
DC Electrical Characteristics
fXTAL = 36.8640MHz, VDD = 3.0V ± 0.3V, VSS = 0V, Ta = – 40 to 85 °C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD1 , VDD2 , VDD3
− 0.3 to 6.5
V
Supply voltage deviation
VDD1 – VDD2 ,
VDD1 – VDD3 ,
VDD2 – VDD3
± 0.1
V
Input voltage range
VIN
− 0.3 to VDD + 0.3
V
Output voltage range
VOUT
− 0.3 to VDD + 0.3
V
Power dissipation
PD
165
mW
Storage temperature range
Tstg
− 55 to 125
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage ranges1, 2, 3
1. The supply voltage is defined relative to VSS = 0V
2. The supply voltages applied on VDD1, VDD2, and VDD3 should be derived from a common supply source.
3. If the supply voltages on VDD1, VDD2, and VDD3 are from different sources, they should be applied simultaneously. The SM8706A may be damaged
if the supply voltage timing is different.
VDD1 , VDD2 , VDD3
+ 3.0
+ 3.6
V
Output load capacitance 1
CL1
MO1, SO1, SO2 outputs
25
pF
Output load capacitance 2
CL2
All outputs excluding MO1,
SO1, SO2, XTO
15
pF
Master clock frequency
fXTAL
When using crystal oscillator
36.8640
MHz
Operating temperature range
Topr
– 40
+ 85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
VDD = 3.3V, Ta = 25°C, fs = 48kHz,
Crystal oscillator, no load on all
outputs
–35
45
mA
HIGH-level input voltage
VIH
FSEL, CE, XTI, VDD = 3.3V
0.8 VDD
––
V
LOW-level input voltage
VIL
0.2 VDD
V
HIGH-level input current1
1. FSEL and CE pins have Schmitt-trigger input and built-in pull-up resistor.
IIH1
FSEL, CE, VIN = VDD
––1
µA
LOW-level input current1
IIL1
FSEL, CE, VIN = 0V
– 100
µA
HIGH-level input current
IIH2
XTI, VIN = VDD
40
µA
LOW-level input current
IIL2
XTI, VIN = 0V
– 40
µA
HIGH-level output voltage
VOH
All outputs excluding XTO,
IOH = − 2mA
VDD − 0.4
V
LOW-level output voltage
VOL
All outputs excluding XTO,
IOL = 2mA
0.4
V


Similar Part No. - SM8706AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results

Similar Description - SM8706AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com