Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWF-LJG Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DWF-LJG
Description  High brightness surface mount LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWF-LJG Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DWF-LJG Datasheet HTML 1Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 2Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 3Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 4Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 5Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 6Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 7Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 8Page - DOMINANT Semiconductors DWF-LJG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
InGaN Warm White : DWF-LJG
5
23/01/2014 V4.0
DOMINANT
Opto Technologies
Innovating Illumination
TM
Bin
5T
6T
7T
8T
9T
4O
5O
6O
7O
8O
9O
4P
5P
6P
7P
8P
9P
4Q
5Q
6Q
7Q
8Q
9Q
4L
5L
0.4300
0.3870
0.4340
0.3960
0.4390
0.4050
0.4430
0.4140
0.4470
0.4230
0.3860
0.3610
0.3890
0.3690
0.3910
0.3770
0.3940
0.3850
0.3970
0.3930
0.4000
0.4010
0.3940
0.3650
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4030
0.3690
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.3650
0.3480
0.3670
0.3580
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.4340
0.3960
0.4390
0.4050
0.4430
0.4140
0.4470
0.4230
0.4520
0.4320
0.3890
0.3690
0.3910
0.3770
0.3940
0.3850
0.3970
0.3930
0.4000
0.4010
0.4030
0.4100
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4130
0.4150
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.4230
0.4200
0.3670
0.3580
0.3690
0.3680
0.4420
0.3980
0.4470
0.4080
0.4510
0.4170
0.4560
0.4260
0.4610
0.4350
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4130
0.4150
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.4230
0.4200
0.4150
0.3810
0.4190
0.3900
0.4220
0.3990
0.4260
0.4080
0.4300
0.4170
0.4340
0.4250
0.3750
0.3620
0.3770
0.3730
0.4370
0.3890
0.4420
0.3980
0.4470
0.4080
0.4510
0.4170
0.4560
0.4260
0.3940
0.3650
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4030
0.3690
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.4110
0.3730
0.4150
0.3810
0.4190
0.3900
0.4220
0.3990
0.4260
0.4080
0.4300
0.4170
0.3720
0.3520
0.3750
0.3620
1
2
3
4


Similar Part No. - DWF-LJG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWF-DZKG DOMINANT-DWF-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWF-KZKG DOMINANT-DWF-KZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWF-MJG DOMINANT-DWF-MJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWF-UJG DOMINANT-DWF-UJG Datasheet
860Kb / 13P
   High brightness surface mount LED
More results

Similar Description - DWF-LJG

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com