Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSW-LSG0-PCN Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # DSW-LSG0-PCN
Description  High brightness surface mount LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSW-LSG0-PCN Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button DSW-LSG0-PCN Datasheet HTML 3Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 4Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 5Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 9Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 10Page - DOMINANT Semiconductors DSW-LSG0-PCN Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
01/06/2015 V10.0
7
InGaN White : DSW-LSG
V2
W1
W2
X1
900.0 ... 1125.0
1125.0 ... 1400.0
1400.0 ... 1800.0
1800.0 ... 2240.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.
DOMINANT
Opto Technologies
Innovating Illumination
TM
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.
V1
V2
V3
2.75 ... 3.05
3.05 ... 3.35
3.35 ... 3.65


Similar Part No. - DSW-LSG0-PCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSW-210 ETC2-DSW-210 Datasheet
341Kb / 3P
   PRINTED CIRCUIT TRANSFORMERS
DSW-210 ETC1-DSW-210 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
DSW-212 ETC2-DSW-212 Datasheet
341Kb / 3P
   PRINTED CIRCUIT TRANSFORMERS
DSW-212 ETC1-DSW-212 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
DSW-2120 ETC1-DSW-2120 Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
More results

Similar Description - DSW-LSG0-PCN

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com