Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6P82PS01AG-08CR Datasheet(PDF) 5 Page - ON Semiconductor

Part # P6P82PS01AG-08CR
Description  Peak EMI Reduction Device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6P82PS01AG-08CR Datasheet(HTML) 5 Page - ON Semiconductor

  P6P82PS01AG-08CR Datasheet HTML 1Page - ON Semiconductor P6P82PS01AG-08CR Datasheet HTML 2Page - ON Semiconductor P6P82PS01AG-08CR Datasheet HTML 3Page - ON Semiconductor P6P82PS01AG-08CR Datasheet HTML 4Page - ON Semiconductor P6P82PS01AG-08CR Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P6P82PS01A
http://onsemi.com
5
PACKAGE DIMENSIONS
WDFN8 2x2, 0.5P
CASE 511AQ−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30mm FROM TERMINAL.
C
A
SEATING
PLANE
D
E
0.10 C
A3
A
A1
0.10 C
DIM
A
MIN
MILLIMETERS
0.70
A1
0.00
A3
0.20 REF
b
0.20
D
2.00 BSC
E
2.00 BSC
e
0.50 BSC
PIN ONE
REFERENCE
0.05 C
0.05 C
8X
A
0.10 C
NOTE 3
L
e
b
B
4
5
8X
1
8
0.05 C
0.50
L
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.30
0.50
0.78
7X
DIMENSIONS: MILLIMETERS
BOTTOM VIEW
0.35
PITCH
8X
0.80
0.05
0.30
0.60
MAX
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTION
---
L1
0.15
B
TOP VIEW
SIDE VIEW
e/2
1
PACKAGE
OUTLINE
DETAIL B
DETAIL A
2X
2X
8X
RECOMMENDED
0.88
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
P6P82PS01A/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - P6P82PS01AG-08CR

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P6P2405D HY-LINE-P6P2405D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6P2405S HY-LINE-P6P2405S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6P2412D HY-LINE-P6P2412D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6P2412S HY-LINE-P6P2412S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6P2415D HY-LINE-P6P2415D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
More results

Similar Description - P6P82PS01AG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3P623S00B ONSEMI-P3P623S00B Datasheet
112Kb / 9P
   Peak EMI Reduction Device
February, 2015 ??Rev. P3
P3P816711A ONSEMI-P3P816711A Datasheet
99Kb / 4P
   Spread Spectrum Peak EMI Reduction Device
August, 2011 ??Rev. 0
P3P85R01A ONSEMI-P3P85R01A Datasheet
141Kb / 8P
   LVCMOS TIMING SAFE Peak EMI Reduction Device
May, 2011 ??Rev. 1
P3P8163A ONSEMI-P3P8163A Datasheet
137Kb / 6P
   LVCMOS Spread Spectrum Peak EMI Reduction Device
September, 2011 ??Rev. 0
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
   Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com