Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVC6S5A354PLZT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVC6S5A354PLZT1G
Description  P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVC6S5A354PLZT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NVC6S5A354PLZT1G Datasheet HTML 1Page - ON Semiconductor NVC6S5A354PLZT1G Datasheet HTML 2Page - ON Semiconductor NVC6S5A354PLZT1G Datasheet HTML 3Page - ON Semiconductor NVC6S5A354PLZT1G Datasheet HTML 4Page - ON Semiconductor NVC6S5A354PLZT1G Datasheet HTML 5Page - ON Semiconductor NVC6S5A354PLZT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVC6S5A354PLZ
www.onsemi.com
4
VGS -- Qg
Total Gate Charge, Qg -- nC
HD1150610
S O A
Drain to Source Voltage, VDS -- V
2
3
5
7
2
--0.1
3
5
7
2
--1.0
--0.01
23
5 7
23
5 7
23
5 7
--0.01
--0.1
--1.0
23
5 7
--10
--100
10ms
100ms
Operation in this area
is limited by RDS(on).
ID= --3A
DC
operation
(T
a=25
C
)
IDP= --16A (PW10s)
1ms
3
5
7
2
--10
3
5
7
--100
100
s
Ta=25
C
Single pulse
Surface mounted on FR4 board using a 92mm2, 1 oz. Cu pad.
016
4
26
8
14
12
10
IT16622
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
VDS= --30V
ID= --4A
HD150610
Ambient Temperature, Ta --
C
PD -- Ta
0
0
25
50
75
100
150
125
2.0
1.8
0.8
0.4
1.4
0.2
1.2
0.6
1.6
175
Surface mounted on ceramic substrate(1500mm2
0.8mm).
1.0
200
Surface mounted on FR4 board
using a 92mm2, 1 oz. Cu pad.


Similar Part No. - NVC6S5A354PLZT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVC020N120SC1 ONSEMI-NVC020N120SC1 Datasheet
215Kb / 8P
   MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0
NVC040N120SC1 ONSEMI-NVC040N120SC1 Datasheet
223Kb / 8P
   MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0
NVC080N120SC1 ONSEMI-NVC080N120SC1 Datasheet
273Kb / 8P
   MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
June, 2020-Rev. 0
logo
List of Unclassifed Man...
NVC1001 ETC1-NVC1001 Datasheet
342Kb / 2P
   4 Ch Color Video Display ASIC Solution for Multiplexer
logo
ON Semiconductor
NVC3S5A51PLZ ONSEMI-NVC3S5A51PLZ Datasheet
577Kb / 6P
   P-Channel Power MOSFET
December 2015 - Rev. P1
More results

Similar Description - NVC6S5A354PLZT1G

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com