Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8706A Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8706A
Description  Clock Generator for DVD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8706A Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8706A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM8706A
NIPPON PRECISION CIRCUITS—4
AC Electrical Characteristics
fXTAL = 36.8640MHz, VDD = 3.0V ± 0.3V, VSS = 0V, Ta = – 40 to 85 °C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
External input clock frequency1
1. When using an external clock input, the XTI duty should be 50% with 3.3V clock signal amplitude level. The input signal voltage should not exceed the
absolute maximum rating, otherwise damage may occur.
fXTI
XTI, applies to external clock input use only
36.8640
MHz
Output clock rise time2
2. The numeric values are measured values obtained using the circuit in Figure 1 and the NPC standard evaluation board.
tr
MO1, SO1, SO2, CL = 25 pF, transition
between VOL = 0.2VDD and VOH = 0.8VDD
2.0
ns
Outputs excluding MO1, SO1, SO2, and XTO,
CL = 15pF, transition between VOL = 0.2VDD
and VOH = 0.8VDD
2.0
Output clock fall time2
tf
MO1, SO1, SO2, CL = 25pF, transition
between VOH = 0.8VDD and VOL = 0.2VDD
2.0
ns
Outputs excluding MO1, SO1, SO2, and XTO,
CL = 15pF, transition between VOH = 0.8VDD
and VOL = 0.2VDD
2.0
Output clock jitter3
3. The numeric values are measured values obtained using the circuit in Figure 2 and the NPC standard evaluation board.
tjitter
(1-sigma)
MO1, SO1, SO2, Ta = 25
°C, CL = 25pF, VO =
0.5VDD
–40–
ps
Outputs excluding MO1, SO1, SO2, and XTO,
Ta = 25
°C, CL = 15pF, VO = 0.5VDD
–40–
Output clock duty cycle2
Dt
MO1, SO1, SO2, Ta = 25
°C, CL = 25pF, VO =
0.5VDD
45
50
55
%
Outputs excluding MO1, SO1, SO2, and XTO,
Ta = 25
°C, CL =15 pF, VO = 0.5VDD
45
50
55
Settling time2
tS
All outputs excluding XTO
1
µs
Power-up time2,4
4. This is the time, after the supply is turned ON from the OFF state, until the output clock reaches
± 0.1% of the specified frequency.
tP
All outputs excluding XTO
1
5
ms
Figure 1. Measurement circuit 1
Frequency &
Time Interval
Analyzer
(HP5371A)
36.864MHz
Oscilloscope
(Infinium
HP54845A)
Passive Probe
(HP10435A)
Active Probe
(HP1152A)
DUT
DUT:Device under testing
Figure 2. Measurement circuit 2
Jitter
Measurement
System
(ASA, M1)
36.864MHz
Oscilloscope
(HP54720D
+HP54721A)
Active Probe
(HP54701A)
DUT
DUT:Device under testing


Similar Part No. - SM8706A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results

Similar Description - SM8706A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com