Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8703 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8703
Description  Clock Generator for MPEG2 System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8703 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8703 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8703 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SM8703AV
NIPPON PRECISION CIRCUITS—6
Serial Interface AC Characteristics
External clock, Ta = –40 to 85 °C, VDDA = VDD = VDD1 = VDD2 = 3.0 to 3.6 V unless otherwise stated
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
MCK HIGH-level pulsewidth
tMCWH
40
ns
MCK LO W -level pulsewidth
tMCWL
40
ns
MCK pulse cycle time
tMCY
100
ns
MDT setup time
tMDS
40
ns
MDT hold time
tMDH
40
ns
MLEN setup time1
1. Time from the MLEN falling edge to the next MCK rising edge. If the MCK clock stops after the LSB, the MLEN rise timing is optional.
tMLS
40
ns
MLEN hold time2
2. Time from MCK r ising edge corresponding to the LSB to the MLEN rising edge.
tMLH
40
ns
MLEN HIGH-level pulsewidth
tMHH
200
ns
MLEN LO W -level pulsewidth
tMLL
16
× t
MCY
––
ns
MLEN
tMLS
0.5VDD
tMCWL
tMCWH
tMCY
MCK
MDT
MSB
LSB
tMDH
tMDS
tMLH
tMLS
tMHH
tMLL
0.5VDD
0.5VDD


Similar Part No. - SM8703

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
More results

Similar Description - SM8703

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com