Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMFS4982NFT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4982NFT3G
Description  Single N?묬hannel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4982NFT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4982NFT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4982NFT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4982NFT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4982NFT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4982NFT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4982NFT3G Datasheet HTML 6Page - ON Semiconductor NTMFS4982NFT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
February, 2014 − Rev. 3
1
Publication Order Number:
NTMFS4982NF/D
NTMFS4982NF
Power MOSFET
30 V, 207 A, Single N−Channel, SO−8 FL
Features
Integrated Schottky Diode
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These Devices are Pb−Free and are RoHS Compliant
Applications
Server, Netcom, POL
Synchronous Rectification for DC−DC Converters
Low Side Switching
High Performance Applications
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
36
A
TA = 85°C
26
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.7
W
Continuous Drain
Current RqJA v
10 sec
TA = 25°C
ID
60
A
TA = 85°C
43
Power Dissipation
RqJA, t v 10 sec
TA = 25°C
PD
7.4
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
26.5
A
TA = 85°C
19
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
1.5
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
207
A
TC = 85°C
149
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
89.3
W
Pulsed Drain Current
tp=10ms
TA = 25°C
IDM
350
A
Current limited by package
TA = 25°C
IDmaxpkg
100
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
54
A
Drain to Source dV/dt
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 V, VGS = 10 V, IL = 50 Apk,
L = 0.1 mH, RG = 25 W)
EAS
125
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
4982NF
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
1.3 mW @ 10 V
207 A
1.9 mW @ 4.5 V
N−CHANNEL MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4982NFT1G
SO−8FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4982NFT3G
SO−8FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
*For additional information on our Pb−Free strategy
and soldering details, please download the ON
Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
G
S
D
(5, 6)
(4)
(1, 2, 3)


Similar Part No. - NTMFS4982NFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4983NF ONSEMI-NTMFS4983NF Datasheet
121Kb / 7P
   Power MOSFET 30 V, 106 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
NTMFS4983NF ONSEMI-NTMFS4983NF Datasheet
90Kb / 7P
   Power MOSFET
August, 2015 ??Rev. 4
NTMFS4983NFT1G ONSEMI-NTMFS4983NFT1G Datasheet
121Kb / 7P
   Power MOSFET 30 V, 106 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
NTMFS4983NFT1G ONSEMI-NTMFS4983NFT1G Datasheet
90Kb / 7P
   Power MOSFET
August, 2015 ??Rev. 4
NTMFS4983NFT3G ONSEMI-NTMFS4983NFT3G Datasheet
121Kb / 7P
   Power MOSFET 30 V, 106 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
More results

Similar Description - NTMFS4982NFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com