Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNZB-CJG Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DNZB-CJG
Description  High brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNZB-CJG Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DNZB-CJG Datasheet HTML 1Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 2Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 3Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 4Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 5Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 6Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 7Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 8Page - DOMINANT Semiconductors DNZB-CJG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
11/03/2014 V2.0
4
InGaN: DNZB-CJG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Bin
6J
6K
6L
7J
7K
7L
8J
8K
8L
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
0.2020
0.3070
0.1930
0.3080
0.1870
0.3080
0.2059
0.3225
0.1970
0.3240
0.1910
0.3240
Dominant color coordinate is measured with an accuracy of ± 0.01.
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
0.2078
0.3061
0.2020
0.3070
0.1930
0.3080
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
0.2020
0.3068
0.1930
0.3080
0.1870
0.3080
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
0.2078
0.3060
0.2020
0.3070
0.1930
0.3080
0.2118
0.3219
0.2060
0.3230
0.1970
0.3240


Similar Part No. - DNZB-CJG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DNZB-DJG-I1 DOMINANT-DNZB-DJG-I1 Datasheet
1,022Kb / 15P
   High brightness surface mount LED
DNZB-DJG-I2 DOMINANT-DNZB-DJG-I2 Datasheet
881Kb / 15P
   High brightness surface mount LED
DNZB-LJG DOMINANT-DNZB-LJG Datasheet
987Kb / 14P
   High brightness surface mount LED
DNZB-NJG-I1 DOMINANT-DNZB-NJG-I1 Datasheet
998Kb / 14P
   High brightness surface mount LED
DNZB-UJG DOMINANT-DNZB-UJG Datasheet
913Kb / 14P
   High brightness surface mount LED
More results

Similar Description - DNZB-CJG

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com