Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJEC3V0V1WS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJEC3V0V1WS
Description  Very Low Capacitance TVS/ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJEC3V0V1WS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJEC3V0V1WS Datasheet HTML 1Page - Pan Jit International Inc. PJEC3V0V1WS Datasheet HTML 2Page - Pan Jit International Inc. PJEC3V0V1WS Datasheet HTML 3Page - Pan Jit International Inc. PJEC3V0V1WS Datasheet HTML 4Page - Pan Jit International Inc. PJEC3V0V1WS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PPJEC3V0V1WS
July 14,2015-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
VRWM
-
-
-
3.0
V
Reverse Break Voltage
VBR
IT=1mA
4.75
-
5.25
V
Reverse Leakage Current
IR
VR=3.0V
-
-
20
μ A
Clamping Voltage
VCL
IPP=1A, tP=8/20μ s
-
-
7.5
V
IPP=5A, tP=8/20μ s
-
10.5
-
Clamping Voltage TLP(Note 1)
VCL
IPP=4A, tP=100ns
-
10
-
V
IPP=8A, tP=100ns
-
13
-
Dynamic Resistance
RDYN
tP=100ns
-
0.75
-
Ω
Off State Junction Capacitance
CJ
0Vdc Bias f=1MHz
-
0.9
1.2
pF
NOTE :
1.
Testing using Transmission Line Pulse (TLP) conditions: Z0 = 50Ω , tP = 100 ns.


Similar Part No. - PJEC3V0V1WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
   Bidirectional ESD protection of one line
logo
Shanghai Leiditech Elec...
PJEC3V3M1FN2 LEIDITECH-PJEC3V3M1FN2 Datasheet
2Mb / 4P
   BIDIRECTIONAL TVS DIODE
Rev 1.0 : 03.07.2021
logo
Pan Jit International I...
PJEC3V3M3FN2 PANJIT-PJEC3V3M3FN2 Datasheet
214Kb / 6P
   ESD Protection, Bidirectional ESD protection of one line
More results

Similar Description - PJEC3V0V1WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC5V0V6FN2 PANJIT-PJEC5V0V6FN2 Datasheet
217Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0M1TS PANJIT-PJEC5V0M1TS Datasheet
231Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TA PANJIT-PJEC5V0V6TA Datasheet
227Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6W PANJIT-PJEC5V0V6W Datasheet
209Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6WS PANJIT-PJEC5V0V6WS Datasheet
217Kb / 6P
   Very Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
ESD0215V0C RECTRON-ESD0215V0C Datasheet
150Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
Pan Jit International I...
PJEC5V0V6TB PANJIT-PJEC5V0V6TB Datasheet
274Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TS PANJIT-PJEC5V0V6TS Datasheet
232Kb / 6P
   Very Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
ESD0215V0CV RECTRON-ESD0215V0CV Datasheet
379Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com