Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJE5V0V1W6 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJE5V0V1W6
Description  Very Low Capacitance ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJE5V0V1W6 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJE5V0V1W6 Datasheet HTML 1Page - Pan Jit International Inc. PJE5V0V1W6 Datasheet HTML 2Page - Pan Jit International Inc. PJE5V0V1W6 Datasheet HTML 3Page - Pan Jit International Inc. PJE5V0V1W6 Datasheet HTML 4Page - Pan Jit International Inc. PJE5V0V1W6 Datasheet HTML 5Page - Pan Jit International Inc. PJE5V0V1W6 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PPJE5V0V1W6
August 13,2015-REV.01
Page 5
Part No_packing code_Version
PJE5V0V1W6_R1_00001
PJE5V0V1W6_R2_00001
PJE5V0V1W6_S1_00001
PJE5V0V1W6_S2_00001
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Similar Part No. - PJE5V0V1W6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0V1DW PANJIT-PJE5V0V1DW Datasheet
328Kb / 6P
   Very Low Capacitance ESD Protection
More results

Similar Description - PJE5V0V1W6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
   VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
PEC2605C2E PANJIT-PEC2605C2E Datasheet
224Kb / 5P
   VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2605C2E-REV.01
PEC2605C1ES PANJIT-PEC2605C1ES Datasheet
162Kb / 5P
   VERY LOW CAPACITANCE ESD PROTECTION
May 29,2018-REV.00
logo
STMicroelectronics
USBLC6-2SC6Y STMICROELECTRONICS-USBLC6-2SC6Y Datasheet
224Kb / 14P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PEC2305M1Q PANJIT-PEC2305M1Q Datasheet
312Kb / 5P
   VERY LOW CAPACITANCE ESD Protection
April 11,2019-REV.00
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
   VERY LOW CAPACITANCE ESD PROTECTION
logo
Pan Jit International I...
PJEC5V0V6TM PANJIT-PJEC5V0V6TM Datasheet
260Kb / 6P
   Very Low Capacitance ESD Protection
logo
STMicroelectronics
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
   VERY LOW CAPACITANCE ESD PROTECTION
USBLC6-2 STMICROELECTRONICS-USBLC6-2_08 Datasheet
234Kb / 14P
   Very low capacitance ESD protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com