Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURA1J Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MURA1J
Description  SUPERFAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MURA1J Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MURA1J Datasheet HTML 1Page - Pan Jit International Inc. MURA1J Datasheet HTML 2Page - Pan Jit International Inc. MURA1J Datasheet HTML 3Page - Pan Jit International Inc. MURA1J Datasheet HTML 4Page - Pan Jit International Inc. MURA1J Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PMURA1J / MURB1J / MUR160K
November 20,2015-REV.02
Page 2
Note : 1. Mounted on a FR4 PCB, single-sided copper, with 100cm
2 copper pad area
2.The testing condition of the thermal resistance (junction to lead) is based on 10 mm lead length between two
10cm x 10cm FR4 PCB single-sided copper pad
3. Mounted on a FR4 PCB, single-sided copper, mini pad
4. Reverse Recovery Test Conditions : IF=0.5A, IR=1A, Recover to 0.25A
Maximum Ratings (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum reverse recovery time
(Note 4)
TRR
50
ns
Typical thermal resistance
SMA(Note 3)
SMB(Note 3)
SMA(Note 1)
SMB(Note 1)
DO-41(Note 2)
RθJA
RθJA
RθJC
RθJC
RθJL
150
135
25
20
55
oC/W
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
T
C, Case Temperature (°C)
SMB
SMA
DO-41
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1
10
100
V
R, Reverse Bias Voltage (V)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
0.001
0.01
0.1
1
10
0
0.5
1
1.5
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C


Similar Part No. - MURA1J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MURA105 EIC-MURA105 Datasheet
43Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
SynSemi, Inc.
MURA105 SYNSEMI-MURA105 Datasheet
39Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIERS
logo
SUNMATE electronic Co.,...
MURA105 SUNMATE-MURA105 Datasheet
131Kb / 2P
   1.0A Surface Mount Ultra-Fast Rectifier
logo
ON Semiconductor
MURA105 ONSEMI-MURA105 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 7
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
More results

Similar Description - MURA1J

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
SF11 SEMTECH_ELEC-SF11 Datasheet
204Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com