Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER3002PT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ER3002PT
Description  ISOLATION SUPERFAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER3002PT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ER3002PT Datasheet HTML 1Page - Pan Jit International Inc. ER3002PT Datasheet HTML 2Page - Pan Jit International Inc. ER3002PT Datasheet HTML 3Page - Pan Jit International Inc. ER3002PT Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
May 10,2011-REV.01
ER3002PT / ER3004PT
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltge, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
• Lead free in comply with EU RoHS 2011/65/EU directives
ISOLATION SUPERFAST RECOVERY RECTIFIER
NOTES :
1. Measured at 1MHz and applied reverse voltage of 4.0 Volts.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Recover to 0.25A.
3. Infinite heatsink.
VOLTAGE
200 to 400 Volts
CURRENT
30 Amperes
MECHANICAL DATA
• Case: TO-3P Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.2245 ounces, 6.367 grams.
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICSS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
ER3002PT
ER3004PT
UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
200
400
V
Maximum RMS Voltage
V
RMS
140
280
V
Maximum DC Blocking Voltage
V
DC
200
400
V
Maximum Average Forward Current
I
F(AV)
30
A
Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
I
FSM
300
A
Maximum Forward Voltage at 15A
V
F
0.95
1.3
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
T
J=25
OC
T
J=125
OC
I
R
1
50
μA
Maximum Reverse Recovery Time (Notes 2)
t
rr
35
ns
Typical Junction Capacitance (Notes 1)
C
J
140
pF
Typical Thermal Resistance (Notes 3)
R
θJC
2
OC / W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)


Similar Part No. - ER3002PT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER300 PANJIT-ER300 Datasheet
66Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Rugao Dachang Electroni...
ER300 DACHANG-ER300 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Transys Electronics
ER300 TRSYS-ER300 Datasheet
143Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
ER300 MCC-ER300 Datasheet
622Kb / 3P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300 Datasheet
86Kb / 2P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - ER3002PT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600FCT PANJIT-ER1600FCT_09 Datasheet
93Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1604DY PANJIT-ER1604DY Datasheet
105Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1600FCT PANJIT-ER1600FCT Datasheet
42Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2000FCT PANJIT-ER2000FCT Datasheet
97Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2002ST PANJIT-ER2002ST Datasheet
65Kb / 4P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
ER1600CT PANJIT-ER1600CT_09 Datasheet
86Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
ER2000CT PANJIT-ER2000CT Datasheet
87Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIER
logo
Transys Electronics
ER1000F TRSYS-ER1000F Datasheet
149Kb / 3P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER1000FCT PANJIT-ER1000FCT_04 Datasheet
54Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER1000F PANJIT-ER1000F_09 Datasheet
92Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com