Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD20N03HDLT4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTD20N03HDLT4
Description  N-Channel DPAK Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD20N03HDLT4 Datasheet(HTML) 6 Page - ON Semiconductor

  MTD20N03HDLT4 Datasheet HTML 1Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 2Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 3Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 4Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 5Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 6Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 7Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 8Page - ON Semiconductor MTD20N03HDLT4 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MTD20N03HDL
http://onsemi.com
6
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
ms
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25
°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10
ms. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RqJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
0.1
1.0
100
100
1
10
10
100
ms
1 ms
dc
10 ms
VGS = 20 V
SINGLE PULSE
TC = 25°C
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
TJ, STARTING JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
120
200
40
80
150
160
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
ID = 20 A


Similar Part No. - MTD20N03HDLT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTD20N03HDLT4G VBSEMI-MTD20N03HDLT4G Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - MTD20N03HDLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD2N50E ONSEMI-MTD2N50E Datasheet
152Kb / 12P
   N?묬hannel DPAK Power MOSFET
August, 2004 ??Rev. XXX
MTD4N20E ONSEMI-MTD4N20E Datasheet
264Kb / 12P
   N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
NTD6N40 ONSEMI-NTD6N40 Datasheet
128Kb / 3P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD2N40E ONSEMI-MTD2N40E Datasheet
265Kb / 10P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD1312 ONSEMI-MTD1312 Datasheet
283Kb / 11P
   N?묬hannel DPAK Power MOSFET
August, 2006 ??Rev. 2
MTD3302 ONSEMI-MTD3302 Datasheet
283Kb / 12P
   N?묬hannel DPAK Power MOSFET
Sep, 2004 ??Rev. XXX
NTD20N03L27 ONSEMI-NTD20N03L27_V01 Datasheet
212Kb / 7P
   MOSFET –Power, N-Channel, DPAK 20 A, 30 V
May, 2019 - Rev. 6
NTD60N02R ONSEMI-NTD60N02R Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
   N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
STD10NF06L STMICROELECTRONICS-STD10NF06L Datasheet
302Kb / 7P
   N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com