Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R4B-800G1V2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # R4B-800G1V2
Description  800W800W Mini Redundant Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R4B-800G1V2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  R4B-800G1V2 Datasheet HTML 1Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 2Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 3Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R4B-800G1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SPEC=R4B800G1V2-vA8.doc
PAGE 第 5/13 頁
4. Output Characteristic
4.1. Output Voltage & Current Regulation
Output Voltage
Min. Current
Rated Current
Regulation
+3.3V
1A
32A
±5%
+5V
1A
32A
±5%
+12V
1A
65A
±5%
-12V
0A
0.8A
±5%
+5VSB
0.5A
3.5A
±5%
Note:The combined total power from +5V & +3.3V shall not exceed 190W.
4.2. DC Output Ripple & Noise
Output Voltage
Ripple & Noise (Max.)
+3.3V
60mVp-p
+5V
60mVp-p
+12V
120mVp-p
-12V
120mVp-p
+5VSB
50mVp-p
Note:1. Ripple & Noise bandwidth is set to 20MHz.
2. Use a 0.1uF ceramic capacitor in parallel with a 10uF electrolytic capacitor
at output connector terminals for ripple & noise measurement.
4.3. Hold Up Time
Output Voltage
115Vac Input
230Vac Input
+3.3V
>16ms
>16ms
+5V
>16ms
>16ms
+12V
>16ms
>16ms
-12V
>16ms
>16ms
+5VSB
>16ms
>16ms
Note:All output shall be with full load.


Similar Part No. - R4B-800G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
More results

Similar Description - R4B-800G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-P80A ETC2-EFRP-P80A Datasheet
331Kb / 2P
   800W CRPS Redundant Power Module
EFRP-P280A ETC2-EFRP-P280A Datasheet
384Kb / 2P
   800W CRPS 2U Redundant Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
   800W CRPS 1U Redundant Power
EFRP-S2803 ETC2-EFRP-S2803 Datasheet
414Kb / 2P
   ERP2U 800W Server Power Supply
logo
Vishay Barry
T50R0-800-1E BARRY-T50R0-800-1E Datasheet
160Kb / 2P
   800W BeO Flanged Termination
REV.NOV 5 2014
RXXXX-800-1X BARRY-RXXXX-800-1X Datasheet
140Kb / 2P
   800W BeO Flanged Resistor
REV.A JUL 18 2017
logo
TDK Electronics
Z36-12-IEEE-U TDK-Z36-12-IEEE-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
List of Unclassifed Man...
Z10-20-LAN-L-U ETC2-Z10-20-LAN-L-U Datasheet
159Kb / 1P
   200 to 800W Programmable Power Supplies
logo
Astrodyne Corporation
SCN-800 ASTRODYNE-SCN-800 Datasheet
206Kb / 3P
   800W With Parallel Function
logo
Vishay Barry
RXXXX-800-1E BARRY-RXXXX-800-1E Datasheet
154Kb / 2P
   800W BeO Flanged Resistor
REV.C FEB 1 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com