Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A-700D1V2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # R2A-700D1V2
Description  700W700W Redundant Power Supply.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2A-700D1V2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button R2A-700D1V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2A-700D1V2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
7.3. TTL 信號 TTL signal
OUTPUT CONDITION
POWER SUPPLY CONDITION
Min.
Max.
NORMAL(POWER SUPPLY ON)
3V
5.25V
FAILURE(POWER SUPPLY OFF)
0V
1V
8. 負載均流
負載均流
負載均流
負載均流 Load sharing
輸出電壓
Output Voltage
負載電流
Load Current
負載均流電壓
Load Share Voltage
+12V
1A
+0.48V ~ +0.52V
+5V
1A
+0.33V ~ +0.37V
+3.3V
1A
+0.33V ~ +0.37V
9. 絕緣性能
絕緣性能
絕緣性能
絕緣性能 Isolation
9.1. 絕緣電阻 Insulation Resistance
Input To Output 500Vdc , 50M ohms Min.( at room Temperature)
Input To FG
500Vdc , 50M ohms Min.( at room Temperature)
Output To FG
Non Insulation
9.2. 耐壓絕緣 Dielectric Withstand Voltage
Input To Output 1834Vac (30 mA) for 1 Minute.
Input To FG
1834Vac (30 mA) for 1 Minute.
Output To FG
Non Insulation
9.3. 漏電電流 Leakage current
在120-264 伏特/50-60 赫茲情況下最大漏電流為3.5mA。
3.5mA max. at 120~264Vac/50~60HZ.
10. 安全
安全
安全
安全要求
要求
要求
要求 Safety
Requirements
-IEC 60950-1
-TUV EN 60950-1
-UL or cUL
-BSMI
-CCC
SURE STAR
SURE STAR


Similar Part No. - R2A-700D1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
More results

Similar Description - R2A-700D1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
PWS-703P-1R ETC1-PWS-703P-1R Datasheet
182Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-704P-1R ETC1-PWS-704P-1R Datasheet
180Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-702A-1R ETC1-PWS-702A-1R Datasheet
229Kb / 1P
   700W 1U Redundant Power Supply Specification
logo
SynQor Worldwide Headqu...
MPFC-115-270-HP SYNQOR-MPFC-115-270-HP Datasheet
7Mb / 18P
   700W output power
logo
List of Unclassifed Man...
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
logo
Tumbler Technologies + ...
TMPC-700 TRUMPOWER-TMPC-700 Datasheet
247Kb / 1P
   Medical Grade 700W ATX PC Power Supply
logo
Advantech Co., Ltd.
PS8-700ATX-ZE ADVANTECH-PS8-700ATX-ZE Datasheet
1Mb / 1P
    80 Plus Bronze 700W PS/2 Single Power Supply
logo
List of Unclassifed Man...
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
logo
SynQor Worldwide Headqu...
PFCU390HPX07 SYNQOR-PFCU390HPX07 Datasheet
5Mb / 17P
   Up to 700W output power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com