Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A-600D1V2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # R2A-600D1V2
Description  600W600W 2/3U Redundant Power Supply.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2A-600D1V2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button R2A-600D1V2 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2A-600D1V2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5. 電源良好信號
電源良好信號
電源良好信號
電源良好信號 Power good signal
The system shall have an active high TTL compatible signal capable of sinking 1mA and
sourcing 100uA. The signal shall become active within 100 to 500 ms from the instant +5V output
reaches a steady state level within the specified regulation limits. It shall become inactive at least
1 ms before +5V drops to below the lower regulation limit.
Power good @ 115/230VAC , Full Load
200ms ~ 500ms
Power Fail @ 115/230VAC , Full Load
1ms (Min.)
6.
保護
保護
保護
保護 Protection
6.1. 過壓保護 Over voltage protection
Output
Min
Max
Comments
+3.3V
3.75V
4.3V
PSU shutdown
+5V
5.7V
6.9V
PSU shutdown
+12V
13V
14.3V
PSU shutdown
Note:應該在最大交流輸入電壓230伏和輕載、空載下測試。
The power supply shall be test at max AC voltage (230Vac) and min load
or no load.
6.2. 低壓保護 Under-voltage protection
Output
Min
Max
Comments
+3.3V
2.0V
2.4V
PSU shutdown
+5V
3.3V
3.7V
PSU shutdown
+12V
8.5V
9.5V
PSU shutdown
Note:應該在最大交流輸入電壓230伏和輕載、空載下測試。
The power supply shall be test at max AC voltage (230Vac) and min load
or no load.
6.3. 過流保護 Over current protection
Output
Over Current(Type)
Over Current(Max.)
Comments
+3.3V
≧27.5A
37.5A
PSU shutdown
+5V
≧27.5A
37.5A
PSU shutdown
+12V
≧53.9A
73.5A
PSU shutdown
Note:過流保護測試是在其他額定負載時測試。
The over current protection should be tested at other load rating.
SURE STAR
SURE STAR


Similar Part No. - R2A-600D1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
More results

Similar Description - R2A-600D1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
logo
ETA-USA
FHGSX-U1 ETA-USA-FHGSX-U1 Datasheet
1Mb / 5P
   600W Power Supply
ETG-SC ETA-USA-ETG-SC Datasheet
2Mb / 4P
   600W Isolated Power Supply
logo
List of Unclassifed Man...
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
logo
MicroPower Direct, LLC
MPU-600C MPD-MPU-600C Datasheet
1Mb / 4P
   Compact 600W Supply
MPU-600CD MPD-MPU-600CD Datasheet
1Mb / 4P
   Compact 600W Supply
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com