Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDX-JJX-I1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDX-JJX-I1
Description  High brightness surface mount LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-JJX-I1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDX-JJX-I1 Datasheet HTML 1Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 2Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 3Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 4Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 5Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 6Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DDX-JJX-I1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DDB; Blue
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
Electrical Characteristics at Tj=25˚C
GaN : DDx-JJx-I1
03/08/2010 V6.0
3
K1
K2
L1
L2
7.2...9.0
9.0...11.2
11.2...14.0
14.0...18.0
Brightness Group
Luminous Intensity @
IV (mcd)
Luminous Intensity Group at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
Luminous intensity is measured with an accuracy of ± 11%.
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.
VA
VB
VC
VD
VE
3.00 ... 3.30
3.30 ... 3.60
3.60 ... 3.90
3.90 ... 4.20
4.20 ... 4.50


Similar Part No. - DDX-JJX-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-JJX DOMINANT-DDX-JJX Datasheet
770Kb / 12P
   High brightness surface mount LED
More results

Similar Description - DDX-JJX-I1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com