Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDX-DJX Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDX-DJX
Description  High brightness surface mount LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-DJX Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDX-DJX Datasheet HTML 1Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 2Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 3Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 4Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 5Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 6Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 7Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 8Page - DOMINANT Semiconductors DDX-DJX Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
04/08/2014 V5.0
1
Features:
> High brightness surface mount LED.
> Based on InGaN / Sapphire technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
DomiLEDTM
Synonymous with function and performance, the DomiLED
TM series is
perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
DomiLEDTM
InGaN White High Brightness :
DDx-DJx
© 2005 DomiLED is a tredemark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Consumer appliances: Backlighting illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobile phone, flash light.
> Signage: full colour display video notice board, signage, special
effect lighting.
> Industrial: white goods (eg: Oven, microwave, etc.), light bar,
illuminated advertising.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDX-DJX

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-DJE DOMINANT-DDX-DJE Datasheet
1Mb / 12P
   High brightness surface mount LED using thin film technology
More results

Similar Description - DDX-DJX

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com