Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1D-550D1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # M1D-550D1
Description  550W Power Supply for 1U Easy Swap
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1D-550D1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M1D-550D1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 9Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 10Page - List of Unclassifed Manufacturers M1D-550D1 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7.3. TTL 信號 TTL signal
OUTPUT CONDITION
POWER SUPPLY CONDITION
Min.
Max.
NORMAL(POWER SUPPLY ON)
3V
5.25V
FAILURE(POWER SUPPLY OFF)
0V
1V
8. 負載均流
負載均流
負載均流
負載均流 Load sharing
輸出電壓
Output Voltage
負載電流
Load Current
負載均流電壓
Load Share Voltage
+12V
1A
+0.48V ~ +0.52V
+5V
1A
+0.33V ~ +0.37V
+3.3V
1A
+0.33V ~ +0.37V
9. 絕緣性能
絕緣性能
絕緣性能
絕緣性能 Isolation
9.1. 絕緣電阻 Insulation Resistance
Input To Output 500Vdc , 50M ohms Min.( at room Temperature)
Input To FG
500Vdc , 50M ohms Min.( at room Temperature)
Output To FG
Non Insulation
9.2. 耐壓絕緣 Dielectric Withstand Voltage
Input To Output 1834Vac (30 mA) for 1 Minute.
Input To FG
1834Vac (30 mA) for 1 Minute.
Output To FG
Non Insulation
9.3. 漏電電流 Leakage current
在120-264 伏特/50-60 赫茲情況下最大漏電流為3.5mA。
3.5mA max. at 120~264Vac/50~60HZ.
10. 安全
安全
安全
安全要求
要求
要求
要求 Safety
Requirements
-CB REPORT: IEC 60950-1:2005
-TUV EN 60950-1: 2006 + A11.
-UL or cUL 60950-1: 2
nd Edition.
-BSMI : R36530
-CCC : CNCA-01C-020:2007
SURE STAR
SURE STAR


Similar Part No. - M1D-550D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
More results

Similar Description - M1D-550D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550B1 ETC2-M1C-550B1 Datasheet
254Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
M1C-460B1 ETC2-M1C-460B1 Datasheet
235Kb / 11P
   460W Power Supply for 1U Easy Swap
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com