Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP50N06V Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTP50N06V
Description  N?묬hannel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTP50N06V Datasheet(HTML) 6 Page - ON Semiconductor

  MTP50N06V Datasheet HTML 1Page - ON Semiconductor MTP50N06V Datasheet HTML 2Page - ON Semiconductor MTP50N06V Datasheet HTML 3Page - ON Semiconductor MTP50N06V Datasheet HTML 4Page - ON Semiconductor MTP50N06V Datasheet HTML 5Page - ON Semiconductor MTP50N06V Datasheet HTML 6Page - ON Semiconductor MTP50N06V Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MTP50N06V
http://onsemi.com
6
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
VGS = 20 V
SINGLE PULSE
TC = 25°C
1.0
t, TIME (s)
Figure 13. Thermal Response
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
10
1000
1
100
1.0
0.1
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
dc
100 μs
1 ms
10 ms
10 μs
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.02
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
50
75
100
125
150
0
400
240
160
320
80
ID = 42 A
175


Similar Part No. - MTP50N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
logo
New Jersey Semi-Conduct...
MTP50N06V NJSEMI-MTP50N06V Datasheet
112Kb / 2P
   TMOS V??Power Field Effect Transistor
logo
VBsemi Electronics Co.,...
MTP50N06V VBSEMI-MTP50N06V Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTP50N06V ISC-MTP50N06V Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP50N06VL MOTOROLA-MTP50N06VL Datasheet
195Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.032 OHM
More results

Similar Description - MTP50N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com