Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8578BV Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8578BV
Description  Real-time Clock IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8578BV Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8578BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8578BV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SM8578BV
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
DC Characteristics
VSS = 0V, VDD = 1.6 to 5.5V, CG = 10pF, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to +7.0
V
Input voltage range
VIN
Input pins
VSS − 0.3 to VDD + 0.3
V
Output voltage range 1
VOUT1
INTN
VSS − 0.3 to +8.0
V
Output voltage range 2
VOUT2
DATA
VSS − 0.3 to VDD + 0.3
V
Power dissipation
PD
150
mW
Storage temperature range
TSTG
−55 to +125
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
1.6 to 5.5
V
Operating temperature range
Topr
−40 to +85
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption 1
IDD1
VDD = 5V
CE = VSS, DATA,
INTN = VDD
1.0
2.0
µA
Current consumption 2
IDD2
VDD = 3V
0.5
1.0
µA
HIGH-level input voltage
VIH
CE, CLK, DATA pins
0.8VDD
–VDD
V
LOW-level input voltage
VIL
0
0.2VDD
V
Input leakage current
ILEAK
VIN = VDD or VSS, CE, CLK pins
−0.5
0.5
µA
Input resistance 1
RDWN1
VDD = 5V
VIN = VDD,
CE pin
75
150
300
k
Input resistance 2
RDWN2
VDD = 3V
150
300
600
k
Output voltage 1
VOH1
VDD = 5V
IOH = −1mA,
DATA pin
4.5
5.0
V
VOH2
VDD = 3V
2.0
3.0
V
VOL1
VDD = 5V
IOL = 1mA,
DATA pin
––
VSS + 0.5
V
VOL2
VDD = 3V
VSS + 0.8
V
Output voltage 2
VOL3
VDD = 5V
IOL = 1mA,
INTN pin
––
VSS + 0.25
V
VOL4
VDD = 3V
VSS + 0.4
V
Output leakage current
IOZ
VOUT = VDD or VSS,
DATA, INTN pins
−0.5
0.5
µA


Similar Part No. - SM8578BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
More results

Similar Description - SM8578BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8577B NPC-SM8577B Datasheet
78Kb / 10P
   Real-time Clock IC
SM8578BV NPC-SM8578BV Datasheet
117Kb / 16P
   Real-time Clock IC
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
   ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com