Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB30N06VLT4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTB30N06VLT4
Description  N?묬hannel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB30N06VLT4 Datasheet(HTML) 2 Page - ON Semiconductor

  MTB30N06VLT4 Datasheet HTML 1Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 2Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 3Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 4Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 5Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 6Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 7Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 8Page - ON Semiconductor MTB30N06VLT4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MTB30N06VL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 μAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
63
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
10
100
μAdc
Gate−Body Leakage Current (VGS = ±15 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 μAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
4.0
2.0
Vdc
mV/°C
Static Drain−to−Source On−Resistance (VGS = 5 Vdc, ID = 15 Adc)
RDS(on)
0.033
0.05
Ohms
Drain−to−Source On−Voltage
(VGS = 5 Vdc, ID = 30 Adc)
(VGS = 5 Vdc, ID = 15 Adc, TJ = 150°C)
VDS(on)
1.1
1.8
1.73
Vdc
Forward Transconductance (VDS = 6.25 Vdc, ID = 15 Adc)
gFS
13
21
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1130
1580
pF
Output Capacitance
Coss
360
500
Transfer Capacitance
Crss
95
190
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 30 Adc,
VGS = 5 Vdc,
RG = 9.1 Ω)
td(on)
14
30
ns
Rise Time
tr
260
520
Turn−Off Delay Time
td(off)
54
110
Fall Time
tf
108
220
Gate Charge
(See Figure 8)
(VDS = 48 Vdc, ID = 30 Adc,
VGS = 5 Vdc)
QT
27
40
nC
Q1
5
Q2
17
Q3
15
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 30 Adc, VGS = 0 Vdc)
(IS = 30 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
0.98
0.89
1.6
Vdc
Reverse Recovery Time
(IS = 30 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs)
trr
86
ns
ta
49
tb
37
Reverse Recovery Stored
Charge
QRR
0.228
μC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25″ from package to source bond pad)
LS
7.5
nH
1. Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTB30N06VLT4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
logo
Inchange Semiconductor ...
MTB30N06VL ISC-MTB30N06VL Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTB30N06VLT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com