Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL5018 Datasheet(PDF) 2 Page - AUK corp

Part # SL5018
Description  LOW POWER NARROW BAND FM IF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5018 Datasheet(HTML) 2 Page - AUK corp

  SL5018 Datasheet HTML 1Page - AUK corp SL5018 Datasheet HTML 2Page - AUK corp SL5018 Datasheet HTML 3Page - AUK corp SL5018 Datasheet HTML 4Page - AUK corp SL5018 Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSI-W004-000
2
SL5018/P
Absolute Maximum Ratings
(Ta=25 °C)
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
VCC(MAX)
10
V
Supply Voltage Range
VCC
2.0 ~ 8.0
V
Detector input Voltage
VIN(DET)
1.0
Vp-p
RF Input Voltage(Vcc ≥ 4.0V)
VIN(RF)
1.0
Vrms
Mute Function
VMUTE
-0.5 ~ +5.0
Vpeak
Operating Temperature
Topr
-20 ~ +70
°C
Storage Temperature
Tstg
-65 ~ +150
°C
Electrical Characteristics
(Unless otherwise specified Ta=25 °C , Vcc=4V, fo=10.7MHz, fm=1kHz,∆f = ± 3kHz)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ICC1
Squelch off(V12 = 2V)
2.9
3.9
4.9
Squelch Current
(No signal)
ICC2
Squelch on(V12 = 0V)
4.4
5.4
6.4
mA
Audio output Voltage
VOUT
Vin = 10mVrms
130
160
200
mVrms
Input Limiting Voltage
VIN(Lim)
-3dB Limiting
-
2.0
6.0
Total Harmonic
Distortion
THD
VOUT = 170mVrms
-
0.8
-
%
Recovered output
Noise Voltage
VNO
No Input Signal
60
80
250
mVrms
Drop Voltage AF Gain
Loss
△Gv
Vcc = 4V → 2V
-3
-0.6
-
dB
Detector Output
Resistance
ROUT
-
-
450
-
Signal to Noise Ratio
S/N
-
36
67
-
dB
Filter Gain
GV
f = 10kHz, Vin = 5mVrms
40
50
-
dB
Filter Output
DC voltage
VO(DC)
-
1.0
1.3
1.6
VDC
Mute Low Resistance
RON(Mute)
Mute Switch-on
-
10
-
Mute High Resistance
Roff(Mute)
Mute Switch-off
1.0
10
-
MΩ
Scan control Low
VL(Scan)
Mute off(V12 = 2V)
-
0
0.4
VDC
Scan control High
VH(Scan)
Mute on(V12 = 0V)
3.0
3.5
-
VDC
Trigger Hysteresis
VTH
Squelch on/off
-
45
100
mVrms
Mixer conversion Gain
GV(Mix)
-
-
28
-
dB
Mixer Input Resistance
Ri(Mix)
-
-
3.3
-
kΩ
Mixer Input Capacitance
Ci(Mix)
-
-
2.2
-
pF


Similar Part No. - SL5018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5018 AUK-SL5018 Datasheet
129Kb / 5P
   LOW POWER NARROW BAND FM IF
SL5018P AUK-SL5018P Datasheet
129Kb / 5P
   LOW POWER NARROW BAND FM IF
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
   LOW POWER NARROW BAND FM IF
More results

Similar Description - SL5018

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
   LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
Hynix Semiconductor
GL3361 HYNIX-GL3361 Datasheet
41Kb / 4P
   Low Power Narrow Band FM IF
logo
AUK corp
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5018 DAEWOO-DBL5018 Datasheet
226Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3359 NJRC-NJM3359_1 Datasheet
152Kb / 4P
   LOW POWER NARROW BAND FM IF
NJM3359 NJRC-NJM3359 Datasheet
194Kb / 5P
   LOW POWER NARROW BAND FM IF?
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
   LOW VOLTAGE/POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com