Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL5002P Datasheet(PDF) 5 Page - AUK corp

Part # SL5002P
Description  TONE RINGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5002P Datasheet(HTML) 5 Page - AUK corp

  SL5002P Datasheet HTML 1Page - AUK corp SL5002P Datasheet HTML 2Page - AUK corp SL5002P Datasheet HTML 3Page - AUK corp SL5002P Datasheet HTML 4Page - AUK corp SL5002P Datasheet HTML 5Page - AUK corp SL5002P Datasheet HTML 6Page - AUK corp SL5002P Datasheet HTML 7Page - AUK corp SL5002P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KSI-W012-001
5
Application Circuit And Information (continued)
coupling capacitors which can be used to alter the ringer equivalence number of a tone
ringer circuit ICC-VCC(5002P) graph in typical performance characteristic illustrates the
variation of supply current with supply voltage. Curve B(RSL=6.8kΩ) shows the ICC-VCC
characteristic for 5001P circuit Tone Ringer. Curve A is a plot with RSL< 6.8 KΩ and shows
a increase in the current drawn up to the initiation voltage VCC(INI). The ICC-VCC characteristic
after initiation remains unchanged. Curve C shows the effect of increasing RSL above 6.8 K
. Initiation current decreases but again current after triggering is unchanged.
2. Pin 2 Input Equivalent Circuit(5001P)
Usually pin 2 is used at an open state, but in the 5001P circuit the trigger in terminal may
be used to externally trigger oscillation for voltage in the range VSUS ≤ VCC≤ VCC(INI) or
disable ringer operation. The ringer circuit can only oscillate when Q1 and Q2 are conducting.
Normally when supply voltage VCC exceeds the supply initiation voltage VCC(INI) base Current
flows into Q1 via D1 causing Q1 and Q2 conduct. This continues until VCC is taken below the
minimum sustaining voltage (VSUS).
SL5001P/2P
D1
D2
PI N2
R 1
Q 1
Q 2
300K


Similar Part No. - SL5002P

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SL500 EDI-SL500 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
More results

Similar Description - SL5002P

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
   Tone Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
   TONE RINGER
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
   Tone Ringer
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
   TONE RINGER
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
logo
System Logic Semiconduc...
SL2410 SLS-SL2410 Datasheet
60Kb / 6P
   Tone Ringer
logo
Rohm
BA8205 ROHM-BA8205 Datasheet
290Kb / 4P
   Tone Ringer
logo
Integral Corp.
IL2411 INTEGRAL-IL2411 Datasheet
262Kb / 6P
   Tone Ringer
logo
KODENSHI_AUK CORP.
KK2410 KODENSHI-KK2410 Datasheet
346Kb / 7P
   Tone Ringer
logo
Hangzhou Youwang Electr...
UTC9106 YOUWANG-UTC9106 Datasheet
77Kb / 3P
   TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com