Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB4040LDC-AU Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB4040LDC-AU
Description  LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB4040LDC-AU Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB4040LDC-AU Datasheet HTML 1Page - Pan Jit International Inc. SB4040LDC-AU Datasheet HTML 2Page - Pan Jit International Inc. SB4040LDC-AU Datasheet HTML 3Page - Pan Jit International Inc. SB4040LDC-AU Datasheet HTML 4Page - Pan Jit International Inc. SB4040LDC-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
January 29,2015-REV.00
SB4040LDC-AU
100
1000
10000
1
10
100
VR, Reverse Bias Voltage (V)
0
5
10
15
20
25
0
25
50
75
100
125
150
TC, Case Temperature (°C)
0.01
0.1
1
10
100
1000
20
40
60
80
100
TJ = 125°C
TJ = 75°C
TJ = 25°C
TJ = 100°C
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
0.1
1
10
100
0
0.2
0.4
0.6
VF, Forward Voltage (V)
TJ = 125°C
TJ = 100°C
TJ = 75°C
TJ = 25°C
Fig.4 Typical Forward Characteristics
Percent of Rated Peak Reverse Voltage (%)
Per Diode
Per Diode
Per Diode
Per Diode


Similar Part No. - SB4040LDC-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB4040LDC PANJIT-SB4040LDC Datasheet
120Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SB4040LDC-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SK54BLF PANJIT-SK54BLF Datasheet
342Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1550U PANJIT-SVM1550U Datasheet
180Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WSC15U50 WINSEMI-WSC15U50 Datasheet
131Kb / 4P
   Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com