Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHS123 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MHS123
Description  Miniature Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHS123 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MHS123 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHS123 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHS123 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHS123 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O
O14
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
MATERIALS
Contacts & terminals: Silver plated brass
Housing: Tin plated steel
Actuator: Aluminum alloy
Base: Phenolic laminated sheet
Terminal seal: Epoxy
SPECIFICATIONS
Contact rating: 300 mA at 30 VDC
Initial contact resistance: 20 milliohms max.
Insulation resistance: 100 megohms min. at 500 VDC
Dielectric strength: 500 VAC for 1 minute
Electrical life: 10,000 cycles min.
Operating temperature range: -20°C to +85°C
Solder heat resistance: 260°C max. for 3 seconds
Actuation force: 250 ±150 grams
Solvent washing permissible
FEATURES
MODEL NO.
MHS122K
VERTICAL ACTUATOR
.157 (4.0) TRAVEL/THROW
1P3T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
VERTICAL ACTUATOR
MODEL NO.
MHS133K
.079 (2.00) TRAVEL/THROW
MHS Series
Miniature Slide Switches
with aluminum actuator
Miniature compact size.
Wash-through open frame construction.
Positive spring loaded ball detent mechanism.
Epoxy sealed terminals.
.268
.268


Similar Part No. - MHS123

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MHS121 COPAL-MHS121 Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
MHS122 COPAL-MHS122 Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
MHS124 COPAL-MHS124 Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
More results

Similar Description - MHS123

ManufacturerPart #DatasheetDescription
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com